Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E91/32 Datasheet(PDF) 1 Page - ABB

Part # E91/32
Description  E 91/32 Fuse switch disconnector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

E91/32 Datasheet(HTML) 1 Page - ABB

  E91/32 Datasheet HTML 1Page - ABB E91/32 Datasheet HTML 2Page - ABB E91/32 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E 91/32 Fuse switch disconnector
E 91/32
Extended Product Type
E 91/32
Product ID
2CSM200923R1801
EAN
8012542009238
Catalog Description
E 91/32 Fuse switch disconnector
Long Description
E 91/32 is a fuseholder for overcurrent and short circuit protection. No blown fuse
indicator.
General Information
PRODUCT-DETAILS
Ordering
2318050
E-Number (Sweden)
8012542009238
EAN
1 piece
Minimum Order Quantity
85361010
Customs Tariff Number
Dimensions
0.018 m
Product Net Width
0.085 m
Product Net Height
0.064 m
Product Net Depth /
Length
0.061 kg
Product Net Weight


Similar Part No. - E91/32

ManufacturerPart #DatasheetDescription
logo
ABB
E91/30CC ABB-E91/30CC Datasheet
200Kb / 2P
E 91/30 CC Fuse holder
More results

Similar Description - E91/32

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2JU3N SCHNEIDER-GS2JU3N Datasheet
103Kb / 3P
switch-disconnector-fuse
Aug 26, 2020
logo
ABB
OT63F3 ABB-OT63F3 Datasheet
217Kb / 4P
SWITCH-DISCONNECTOR
logo
Schneider Electric
VBF1 SCHNEIDER-VBF1 Datasheet
144Kb / 3P
TeSys Vario - switch disconnector - 32 A - on door
Jul 12, 2021
VBD1 SCHNEIDER-VBD1 Datasheet
144Kb / 3P
TeSys Vario - switch disconnector - 32 A - on door
Jul 12, 2021
GS2QU3N SCHNEIDER-GS2QU3N Datasheet
132Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 400 A- fuse size J
Jul 18, 2021
GS1DD4 SCHNEIDER-GS1DD4 Datasheet
145Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P N - 32 A - NFC 10 x 38 mm
Jul 19, 2021
GS1DD3 SCHNEIDER-GS1DD3 Datasheet
172Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P - 32 A - NFC 10 x 38 mm
Jul 18, 2021
VBD1 SCHNEIDER-VBD1_V01 Datasheet
158Kb / 3P
TeSys Vario - switch disconnector - 32 A - on door
Jun 13, 2022
VBF1 SCHNEIDER-VBF1_V01 Datasheet
158Kb / 3P
TeSys Vario - switch disconnector - 32 A - on door
Jun 12, 2022
GS2MU3N SCHNEIDER-GS2MU3N_V01 Datasheet
372Kb / 4P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
Jun 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com