Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E91/30CC Datasheet(PDF) 2 Page - ABB

Part # E91/30CC
Description  E 91/30 CC Fuse holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

E91/30CC Datasheet(HTML) 2 Page - ABB

  E91/30CC Datasheet HTML 1Page - ABB E91/30CC Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10x38 mm
Fuse Size
class CC
Fuse Type
DIN rail
Mounting Type
1
Number of Poles
1
Number of Protected Poles
No
Options Provided
at Rated Operating Conditions per Pole 3 W
Power Loss
E 90
Product Main Type
Fuse holder
Product Name
30 A
Rated Current (In)
60 Hz
Rated Frequency (f)
600 V
Rated Voltage (Ur)
600 V AC
Rated Operational Voltage
41640
RoHS Date
600 V AC
Voltage Range
2CSC444002B0204
Data Sheet, Technical Information
2CSC444003D2701
Declaration of Conformity - CE
See RoHS Information
Environmental Information
on the product body
Instructions and Manuals
2CSC444011K2701
RoHS Information
Certificates and Declarations (Document Number)
—
EC000036 - Miniature fuse holder
ETIM 4
EC000036 - Miniature fuse holder
ETIM 5
EC002705 - Holder for cylindrical fuse
ETIM 6
EC002705 - Holder for cylindrical fuse
ETIM 7
F
Object Classification Code
5. Small Equipment (No External Dimension More Than 50 cm)
WEEE Category
Classifications
—
Low Voltage Products and Systems → Modular DIN Rail Products → Protection and Safety devices → Cylindrical Fuse Holders and Fuse Switch Disconnectors
Categories
—
2
E 91/30 CC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com