Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E91/30CC Datasheet(PDF) 1 Page - ABB

Part # E91/30CC
Description  E 91/30 CC Fuse holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

E91/30CC Datasheet(HTML) 1 Page - ABB

  E91/30CC Datasheet HTML 1Page - ABB E91/30CC Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E 91/30 CC Fuse holder
E 91/30 CC
Extended Product Type
E 91/30 CC
Product ID
2CSM299872R1801
EAN
8012542998723
Catalog Description
E 91/30 CC Fuse holder
Long Description
E 91/30 CC is a fuseholder for overcurrent and short circuit protection specific for class CC fuses
—
General Information
8012542998723
EAN
1 piece
Minimum Order Quantity
85361010
Customs Tariff Number
Ordering
—
0.018 m
Product Net Width
0.085 m
Product Net Height
0.064 m
Product Net Depth / Length
0.066 kg
Product Net Weight
Dimensions
—
6 piece
Package Level 1 Units
0.105 m
Package Level 1 Width
0.085 m
Package Level 1 Height
0.064 m
Package Level 1 Depth / Length
0.396 kg
Package Level 1 Gross Weight
8012542265252
Package Level 1 EAN
Container Information
—
Following EU Directive 2011/65/EU
RoHS Status
Environmental
—
1 module
Dimensions
Additional Information
—


Similar Part No. - E91/30CC

ManufacturerPart #DatasheetDescription
logo
ABB
E91/32 ABB-E91/32 Datasheet
82Kb / 3P
E 91/32 Fuse switch disconnector
More results

Similar Description - E91/30CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
441-R354-GR ETC2-441-R354-GR Datasheet
83Kb / 2P
Fuse Holder
441-R367-GR ETC2-441-R367-GR Datasheet
82Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
Fuse holder
January 2023
HMX EATON-HMX Datasheet
483Kb / 1P
Fuse holder
November 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com