Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZNC Datasheet(PDF) 22 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 22 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 18Page - Texas Instruments AM261...ZNC Datasheet HTML 19Page - Texas Instruments AM261...ZNC Datasheet HTML 20Page - Texas Instruments AM261...ZNC Datasheet HTML 21Page - Texas Instruments AM261...ZNC Datasheet HTML 22Page - Texas Instruments AM261...ZNC Datasheet HTML 23Page - Texas Instruments AM261...ZNC Datasheet HTML 24Page - Texas Instruments AM261...ZNC Datasheet HTML 25Page - Texas Instruments AM261...ZNC Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
M1
P1
J3
K2
GPIO7
GPIO7_CFG_REG
0x5310 001C
0x0000 05F7
MCAN0_RX
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_D4
1
IO
OSPI0_D2
2
IO
OSPI0_DQS
5
I
GPIO7
7
IO
L1
P2
K1
L1
GPIO8
GPIO8_CFG_REG
0x5310 0020
0x0000 05F7
MCAN0_TX
0
O
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_D5
1
IO
OSPI0_D6
2
IO
OSPI0_D2
5
IO
GPIO8
7
IO
L2
N2
K2
J2
GPIO9
GPIO9_CFG_REG
0x5310 0024
0x0000 05F7
MCAN1_RX
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_D6
1
IO
OSPI0_DQS
2
I
LIN1_TXD
3
IO
UART1_TXD
4
O
OSPI0_CLK
5
O
GPIO9
7
IO
K1
N1
J2
K1
GPIO10
GPIO10_CFG_REG
0x5310 0028
0x0000 05F7
MCAN1_TX
0
O
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_D7
1
IO
OSPI0_CLK
2
O
UART1_DTRn
3
O
UART3_CTSn
4
I
OSPI1_CLK
5
O
GPIO10
7
IO
C11
B13
B11
C13
GPIO11
GPIO11_CFG_REG
0x5310 002C
0x0000 05F7
SPI0_CS0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU0_GPIO2
1
IO
MMC0_CLK
2
IO
UART3_RXD
3
I
GPMC0_A0
6
O
GPIO11
7
IO
ADC_EXTCH_XBAROUT0
9
O
XBAROUT0
10
O
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com