Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZNC Datasheet(PDF) 77 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 77 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 73Page - Texas Instruments AM261...ZNC Datasheet HTML 74Page - Texas Instruments AM261...ZNC Datasheet HTML 75Page - Texas Instruments AM261...ZNC Datasheet HTML 76Page - Texas Instruments AM261...ZNC Datasheet HTML 77Page - Texas Instruments AM261...ZNC Datasheet HTML 78Page - Texas Instruments AM261...ZNC Datasheet HTML 79Page - Texas Instruments AM261...ZNC Datasheet HTML 80Page - Texas Instruments AM261...ZNC Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 218 page
background image
Table 5-54. SPI2 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SPI2_CS1
IO
SPI2 Chip Select 1
B15
A18
B16
A17
SPI2_D0
IO
SPI2 Data 0
B14, B8
A16, B10
B8, D13
A10, B15
SPI2_D1
IO
SPI2 Data 1
A15, A8
A10, B18
B15, C9
B9
Table 5-55. SPI3 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SPI3_CLK
IO
SPI3 Clock
C8
A9
A8
SPI3_CS0
IO
SPI3 Chip Select 0
D7
B9
B7
SPI3_CS1
IO
SPI3 Chip Select 1
C13
A17
A14
A16
SPI3_D0
IO
SPI3 Data 0
C7
C7
C8
C9
SPI3_D1
IO
SPI3 Data 1
B7
D8
A7
A9
5.3.21 System and Miscellaneous
5.3.21.1 Boot Mode Configuration
Table 5-56. Boot Mode Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SOP0
Boot Mode configuration bit 0
(GPIO3)
N1
R2
M2
N2
SOP1
Boot Mode configuration bit 1
(GPIO4)
N4
R1
N1
N1
SOP2
Boot Mode configuration bit 2
(GPIO12)
A11
A13
A12
A12
SOP3
Boot Mode configuration bit 3
(GPIO13)
C10
B12
A10
B12
5.3.21.2 Clocking
Table 5-57. XTAL Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
XTAL_XI (1)
I
External Crystal (XTAL) Input
T1
Y3
T3
W3
XTAL_XO (1)
O
External Crystal (XTAL) Output
R1
Y2
T2
W2
(1)
The XTAL interface requires a 25 MHz clock source.
Table 5-58. Output Clock Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
CLKOUT0
O
Output Clock 0
E1, M2
F2, M1
E3, H1
E3, J3
CLKOUT1
O
Output Clock 1
B16
B19
C15
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com