Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA752ABC Datasheet(PDF) 9 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 5Page - Texas Instruments DRA752ABC Datasheet HTML 6Page - Texas Instruments DRA752ABC Datasheet HTML 7Page - Texas Instruments DRA752ABC Datasheet HTML 8Page - Texas Instruments DRA752ABC Datasheet HTML 9Page - Texas Instruments DRA752ABC Datasheet HTML 10Page - Texas Instruments DRA752ABC Datasheet HTML 11Page - Texas Instruments DRA752ABC Datasheet HTML 12Page - Texas Instruments DRA752ABC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
9
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Table 3-1. Device Comparison(4) (continued)
FEATURES
DEVICE
Jacinto 6 EX
Jacinto 6 EP
Jacinto 6
DRA756
DRA755
DRA754
DRA752
DRA751
DRA750
DRA746
DRA745
DRA744
Universal Serial Bus (USB3.0)
USB1
(SuperSpeed,
Dual-Role-Device
[DRD])
Yes
Yes
Yes
Universal Serial Bus (USB2.0)
USB2 (HighSpeed,
Dual-Role-Device
[DRD], with
embedded HS
PHY)
Yes
Yes
Yes
USB3 (HighSpeed,
OTG2.0, with
ULPI)
Yes
Yes
Yes
USB4 (HighSpeed,
OTG2.0, with
ULPI)
Yes
Yes
Yes(1)
(1) USB4 will not be supported on some pin-compatible roadmap devices. USB3 will be mapped to these balls instead. Pin compatibility can be maintained in the future by either not using
USB4, or via software change to use USB4 on this device, but USB3 on these balls in the future.
(2) In the Unified L3 memory map, there is maximum of 2GB of SDRAM space which is available to all L3 initiators including MPU (MPU, GPU, DSP, IVA, DMA, etc). Typically this space is
interleaved across both EMIFs to optimize memory performance. If a system populates > 2GB of physical memory, that additional addressable space can be accessed only by the MPU
via the Arm V7 Large Physical Address Extensions (LPAE).
(3) For more details about the CTRL_WKUP_STD_FUSE_DIE_ID_2 register and Base PN bitfield, see the DRA75x, DRA74x SoC for Automotive Infotainment Silicon Revision 2.0, 1.x.
(4) X5777x is the base part number for the superset device. Software should constrain the features used to match the intended production device. The Base PN register bitfield value is 0x3F.
3.1
Related Products
Automotive Processors
DRAx Infotainment SoCs The "Jacinto 6" family of infotainment processors (DRA7xx), paired with robust software and ecosystem offering bring
unprecedented feature-rich, in-vehicle infotainment, instrument cluster and telematics features to the next generation automobiles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com