Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA752ABC Datasheet(PDF) 98 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 98 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 94Page - Texas Instruments DRA752ABC Datasheet HTML 95Page - Texas Instruments DRA752ABC Datasheet HTML 96Page - Texas Instruments DRA752ABC Datasheet HTML 97Page - Texas Instruments DRA752ABC Datasheet HTML 98Page - Texas Instruments DRA752ABC Datasheet HTML 99Page - Texas Instruments DRA752ABC Datasheet HTML 100Page - Texas Instruments DRA752ABC Datasheet HTML 101Page - Texas Instruments DRA752ABC Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 443 page
background image
98
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
4.4
Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing
options.
1. SIGNAL NAME: The name of the signal passing through the pin.
NOTE
The subsystem multiplexing signals are not described in Table 4-2 and Table 4-3.
2. DESCRIPTION: Description of the signal
3. TYPE: Signal direction and type:
–
I = Input
–
O = Output
–
IO = Input or output
–
D = Open Drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
4. BALL: Associated ball(s) bottom
NOTE
For more information, see the Control Module / Control Module Register Manual section of
the device TRM.
4.4.1
Video Input Ports (VIP)
NOTE
For more information, see the Video Input Port (VIP) section of the device TRM.
CAUTION
The I/O timings provided in Section 7, Timing Requirements and Switching
Characteristics are applicable for all combinations of signals for vin1, vin5 and
vin6. However, the timings are only valid for vin2, vin3, and vin4 if signals within
a single IOSET are used. The IOSETs are defined in the Table 7-4, Table 7-5
and Table 7-6.
Table 4-4. VIP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Video Input 1
vin1a_clk0
Video Input 1 Port A Clock input.Input clock for 8-bit 16-bit or 24-bit Port A video
capture. Input data is sampled on the CLK0 edge.
I
AG8
vin1a_de0
Video Input 1 Data Enable input (1)
I
AD9
vin1a_fld0
Video Input 1 Port A Field ID input (1)
I
AF9
vin1a_hsync0
Video Input 1 Port A Horizontal Sync input (1)
I
AE9
vin1a_vsync0
Video Input 1 Port A Vertical Sync input (1)
I
AF8
vin1a_d0
Video Input 1 Port A Data input (1)
I
AE8
vin1a_d1
Video Input 1 Port A Data input (1)
I
AD8
vin1a_d2
Video Input 1 Port A Data input (1)
I
AG7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com