Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MF25
Description  Metal Film Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MF25 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF25 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF25 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF25 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF25 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MF12, MF25 & MF50 Series
Metal Film Resistors
Page 3
10/05/05 V1.0
Characteristics
Test Methods
Limits
Load life in humidity
Resistance change after 1000 hours (1.5 hours "on", 0.5
hour "off") at RCWV in a humidity test chamber controlled at
40°C ±2°C and 90 to 95% relative humidity.
Resistance Value
∆∆R/R
Normal type
±1.5%
Load life
Permanent resistance change after 1000 hours operating at
RCWV with duty cycle of 1.5 hours "on" 0.5 hours "off" at
70°C ±2°C ambient.
Resistance Value
∆∆R/R
Normal type
±1.5%
Terminal strength
Direct Load: Resistance to a 2.5kgs direct load for 10
seconds in the direction of the longitudinal axis of the
terminal leads.
Twist test: Terminal leads shall be bent through 90° at a
point of about 6mm from the body of the resistor and shall
be rotated through 360° about the original axis of the bent
terminal in alternating direction for a total of 3 rotations.
No evidence of mechanical damage.
Resistance to
soldering heat
Permanent resistance change when leads immersed to
3.2 - 4.8mm from the body in 350°C ±10°C solder for
3 ±0.5 seconds.
Resistance change rate is ±(1% +0.05
Ω).
No evidence of mechanical damage.
Solderability
The area covered with a new, smooth, clean, shiny and
continuous surface free from concentrated pinholes.
Test temperature of solder
: 235°C ±5°C.
Dwell time in solder
: 3+0.5/-0 seconds.
95% coverage Minimum.
Resistance to
solvent
Specimens shall be immersed in a bath of trichroethane
completely for 3 minutes with ultrasonic.
No deterioration of protective coating and
markings.
RCWV = Rated Continuous Working Voltage =
√ Rated Power X Resistance Value
Performance Specification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com