Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF25 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MF25
Description  Metal Film Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF25 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MF25 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF25 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF25 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF25 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF25 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MF12, MF25 & MF50 Series
Metal Film Resistors
Page 4
10/05/05 V1.0
Part Number Explanation:
MF
Type
12
Wattage Rating
1R5
OHMIC Values
Wattage Rating : 12 = 0.125W, 25 = 0.25W and 50 = 0.5W.
OHMIC Values
: Where R = Ohms =
Ω
K = Kilo ohms = K
Ω.
M = Mega ohms = M
Ω.
and replaces the decimal point.
eg :1R5 = 1.5
Ω.
4K5 = 4.5K
Ω.
6M8 = 6.8M
Ω.
Tolerance
Wattage
Range Value
1%
0.125W
1R - 1M
1%
0.25W
1R - 1M
1%
0.5W
1R - 1M
Stocked Values



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com