Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMB6TP Datasheet(PDF) 13 Page - Numonyx B.V

Part # M25P05-AVMB6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMB6TP Datasheet(HTML) 13 Page - Numonyx B.V

Back Button M25P05-AVMB6TP Datasheet HTML 9Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 10Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 11Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 12Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 13Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 14Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 15Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 16Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
M25P05-A
Operating features
13/52
4.5
Status register
The status register contains a number of status and control bits, as shown in Table 6, that
can be read or set (as appropriate) by specific instructions.
4.5.1
WIP bit
The write in progress (WIP) bit indicates whether the memory is busy with a write status
register, program or erase cycle.
4.5.2
WEL bit
The write enable latch (WEL) bit indicates the status of the internal write enable latch.
4.5.3
BP1, BP0 bits
The block protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against program and erase instructions.
4.5.4
SRWD bit
The status register write disable (SRWD) bit is operated in conjunction with the Write
Protect (W) signal. The status register write disable (SRWD) bit and Write Protect (W) signal
allow the device to be put in the hardware protected mode. In this mode, the non-volatile bits
of the status register (SRWD, BP1, BP0) become read-only bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com