Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMB6TP Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25P05-AVMB6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMB6TP Datasheet(HTML) 1 Page - Numonyx B.V

  M25P05-AVMB6TP Datasheet HTML 1Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 2Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 3Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 4Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 5Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 6Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 7Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 8Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
April 2008
Rev 11
1/52
1
M25P05-A
512-Kbit, serial flash memory, 50 MHz SPI bus interface
Features
■
512 Kbits of flash memory
■
Page program (up to 256 bytes) in 1.4 ms
(typical)
■
Sector erase (256 Kbits) in 0.65 s (typical)
■
Bulk erase (512 Kbits) in 0.85 s (typical)
■
2.3 to 3.6 V single supply voltage
■
SPI bus compatible serial interface
■
50 MHz clock rate (maximum)
■
Deep power-down mode 1 µA (typical)
■
Electronic signatures
– JEDEC standard two-byte signature
(2010h)
– RES instruction, one-byte, signature (05h),
for backward compatibility
■
More than 100,000 erase/program cycles per
sector
■
More than 20 years data retention
■
ECOPACK® packages available
SO8 (MN)
150 mil width
VFQFPN8 (MP)
(MLP8)
TSSOP8 (DW)
UFDFPN8 (MB)
2x3mm
www.numonyx.com


Similar Part No. - M25P05-AVMB6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P05-AVME3 STMICROELECTRONICS-M25P05-AVME3 Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
M25P05-AVME3G STMICROELECTRONICS-M25P05-AVME3G Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
M25P05-AVME3P STMICROELECTRONICS-M25P05-AVME3P Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
M25P05-AVME3T STMICROELECTRONICS-M25P05-AVME3T Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
M25P05-AVME3TG STMICROELECTRONICS-M25P05-AVME3TG Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
More results

Similar Description - M25P05-AVMB6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
13-Dec-2002
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
25-Feb-2002
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512 Datasheet
263Kb / 23P
512 Kbit SPI Serial Flash
logo
PMC-Sierra, Inc
PM25LV512 PMC-PM25LV512 Datasheet
94Kb / 24P
512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Silicon Storage Technol...
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
512 Kbit SPI Serial Flash
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512_10 Datasheet
281Kb / 23P
512 Kbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com