Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC164 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74HC164
Description  8 BIT SIPO SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC164 Datasheet(HTML) 1 Page - STMicroelectronics

  74HC164 Datasheet HTML 1Page - STMicroelectronics 74HC164 Datasheet HTML 2Page - STMicroelectronics 74HC164 Datasheet HTML 3Page - STMicroelectronics 74HC164 Datasheet HTML 4Page - STMicroelectronics 74HC164 Datasheet HTML 5Page - STMicroelectronics 74HC164 Datasheet HTML 6Page - STMicroelectronics 74HC164 Datasheet HTML 7Page - STMicroelectronics 74HC164 Datasheet HTML 8Page - STMicroelectronics 74HC164 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC164
M74HC164
October 1992
8 BIT SIPO SHIFT REGISTER
B1R
(Plastic Package)
ORDER CODES :
M54HC164F1R
M74HC164M1R
M74HC164B1R
M74HC164C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
tPD = 15 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
SYMMETRICAL OUTPUT IMPEDANCE
IOL =
IOH = 4 mA (MIN.)
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS164
DESCRIPTION
The M54/74HC164 is a high speed CMOS 8 BIT
SIPO SHIFT REGISTER fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption.
The HC164 is an 8 bit shift register with serial data
entry and an output from each of the eight stages.
Data is entered serially through one of two inputs (A
or B), either of these inputs can be used as an active
high enable for data entry through the other input.
An unused input must be high, or both inputs con-
nected together. Each low-to-high transition on the
clock input shifts data one place to the right and
enters into QA, the logic NAND of the two data inputs
(A
⋅ B), the data that existed before the rising clock
edge. A low level on the clear input overrides all
other inputs and clears the register asynchronously,
forcing all Q outputs low.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/12


Similar Part No. - 74HC164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC164 PHILIPS-74HC164 Datasheet
54Kb / 8P
8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
logo
Texas Instruments
74HC164 TI-74HC164 Datasheet
109Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
System Logic Semiconduc...
74HC164 SLS-74HC164 Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Fairchild Semiconductor
74HC164 FAIRCHILD-74HC164 Datasheet
74Kb / 7P
8-Bit Serial-in/Parallel-out Shift Register
logo
Hitachi Semiconductor
74HC164 HITACHI-74HC164 Datasheet
51Kb / 9P
8-bit Parallel-out Shift Register
More results

Similar Description - 74HC164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
STMicroelectronics
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
Feb-1993
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
Jan-2003
M74HCT164 STMICROELECTRONICS-M74HCT164 Datasheet
327Kb / 11P
8 BIT SIPO SHIFT REGISTER
Jul-2001
M54HC164 STMICROELECTRONICS-M54HC164_04 Datasheet
299Kb / 11P
RAD-HARD 8 BIT SIPO SHIFT REGISTER
Mar-2004
M74HC164 STMICROELECTRONICS-M74HC164_03 Datasheet
512Kb / 13P
8 BIT SIPO SHIFT REGISTER
Jun-2003
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com