Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700461908616 Datasheet(PDF) 2 Page - Pycom

Part # 0700461908616
Description  quadruple bearer MicroPython enabled development board (LoRa, Sigfox, WiFi, Bluetooth) – perfect enterprise grade IoT platform for your connected Things.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908616 Datasheet(HTML) 2 Page - Pycom

  0700461908616 Datasheet HTML 1Page - Pycom 0700461908616 Datasheet HTML 2Page - Pycom 0700461908616 Datasheet HTML 3Page - Pycom 0700461908616 Datasheet HTML 4Page - Pycom 0700461908616 Datasheet HTML 5Page - Pycom 0700461908616 Datasheet HTML 6Page - Pycom 0700461908616 Datasheet HTML 7Page - Pycom 0700461908616 Datasheet HTML 8Page - Pycom 0700461908616 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
02
Version 1.1
1.0
Overview
03
2.0
Features
04
3.0
Specifications
04
3.1
CPU
04
3.2
Memory
04
3.3
WiFi
04
3.4
Bluetooth
04
3.5
LoRa
04
3.6
Sigfox
04
3.7
RTC
04
3.8
Security
04
3.9
Hash / encryption
04
4.0
Block Diagram
04
5.0
Pinout
05
6.0
Pin Details
06
6.1
Remapping Pins
07
7.0
ESP32 Peripherals
08
7.1
RTC
08
8.0
Programming the device
09
8.1
UART
09
8.2
Wi–Fi
09
8.2.1
Telnet
09
8.2.2
FTP
09
9.0
Boot modes
09
9.1
Bootloader mode
09
9.2
Safe boot
09
10.0 Power
10
10.1
Current consumption by power
modes/features measured at 5V
10
11.0 Memory Map
11
11.1
Flash
11
11.2
RAM
11
11.3
ROM and eFuses
11
12.0 WiFi
12
12.1
Supported features
12
12.2
Specifications
12
13.0 Bluetooth
13
13.1
Supported features
13
13.2
Specification
13
13.2.1
Receiver – Basic Data Rate
13
13.2.2 Receiver – Enhanced Data Rate
14
13.2.3 Receiver – Bluetooth LE
15
13.2.4 Transmitter – Basic Data Rate
16
13.2.5 Transmitter – Enhanced Data Rate
17
13.2.6 Transmitter – Bluetooth LE
18
14.0 LoRa
18
14.1
Supported features
18
14.2
Specifications
19
15.0 Sigfox
25
15.1
Frequencies
25
15.2
Specifications
25
16.0 6LoWPAN
26
17.0 Electrical Characteristics
26
17.1
Absolute maximum ratings
26
17.2
Input/Output characteristics
26
18.0 Minimum Recommended Circuit27
19.0 Mechanical Specifications
28
20.0 Recommended Land Patterns 28
20.1
Through hole
28
21.0 Soldering Profile
30
21.1
With headers
30
21.2
Without headers
30
22.0 Ordering Information
31
23.0 Packaging
31
24.0 Certification
32
24.1
EU Regulatory Conformance
32
24.2
Federal Communication Commission
Interference Statement
32
24.2.1 RF Warning Statement
32
24.2.2 OEM integrator conditions
32
24.2.3 End Product Labelling
33
24.2.4 Manual Information to the End User
33
25.0 Revision History
33
go invent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com