Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700461908616 Datasheet(PDF) 21 Page - Pycom

Part # 0700461908616
Description  quadruple bearer MicroPython enabled development board (LoRa, Sigfox, WiFi, Bluetooth) – perfect enterprise grade IoT platform for your connected Things.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908616 Datasheet(HTML) 21 Page - Pycom

Back Button 0700461908616 Datasheet HTML 17Page - Pycom 0700461908616 Datasheet HTML 18Page - Pycom 0700461908616 Datasheet HTML 19Page - Pycom 0700461908616 Datasheet HTML 20Page - Pycom 0700461908616 Datasheet HTML 21Page - Pycom 0700461908616 Datasheet HTML 22Page - Pycom 0700461908616 Datasheet HTML 23Page - Pycom 0700461908616 Datasheet HTML 24Page - Pycom 0700461908616 Datasheet HTML 25Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
Version 1.1
Table 16 – LoRa electrical characteristics
RFS_L500_
HF
RF sensitivity, Long–Range
Mode,
highest LNA gain, LNA
Boost for Band 1, using
split RX/TX pat, 500 kHz
bandwidth
SF = 6
–
–111
–
dBm
SF = 7
–
–116
–
dBm
SF = 8
–
–119
–
dBm
SF = 9
–
–122
–
dBm
SF = 10
–
–125
–
dBm
SF = 11
–
–128
–
dBm
SF = 12
–
–130
–
dBm
RFS_L7.8_
LF
RF sensitivity, Long–Range
Mode, highest LNA gain,
Band 2 or 3, using split RX/
TX path 7.8 kHz bandwidth
SF = 11
–
–145
–
dBm
SF = 12
–
–148
–
dBm
RFS_L10_LF
RF sensitivity, Long–Range
Mode, highest LNA gain,
Band 2 or 3, using split RX/
TX path
10.4 kHz bandwidth
SF = 6
–
–132
–
dBm
SF = 7
–
–136
–
dBm
SF = 8
–
–138
–
dBm
14.2
Specifications
Symbol
Description
Conditions
Min
Typ.
Max
Unit
RFS_L250_
HF
RF sensitivity, Long–Range
Mode,
highest LNA gain, LNA
Boost for Band 1, using
split RX/TX pat, 250 kHz
bandwidth
SF = 6
–
–115
–
dBm
SF = 7
–
–120
–
dBm
SF = 8
–
–123
–
dBm
SF = 9
–
–125
–
dBm
SF = 10
–
–128
–
dBm
SF = 11
–
–130
–
dBm
SF = 12
–
–133
–
dBm
go invent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com