Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74192 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74192
Description  SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74192 Datasheet(HTML) 1 Page - STMicroelectronics

  74192 Datasheet HTML 1Page - STMicroelectronics 74192 Datasheet HTML 2Page - STMicroelectronics 74192 Datasheet HTML 3Page - STMicroelectronics 74192 Datasheet HTML 4Page - STMicroelectronics 74192 Datasheet HTML 5Page - STMicroelectronics 74192 Datasheet HTML 6Page - STMicroelectronics 74192 Datasheet HTML 7Page - STMicroelectronics 74192 Datasheet HTML 8Page - STMicroelectronics 74192 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
M54/M74HC192
M54/M74HC193
October 1992
HC193 - SYNCHRONOUS UP/DOWN BINARY COUNTER
HC192 - SYNCHRONOUS UP/DOWN DECADE COUNTER
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
fMAX = 54 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS192-193
The M54/74HC192/193 are ahigh speed CMOSSYN-
CHRONOUS UP/DOWN DECADE COUNTERS fab-
ricated in silicon gate C
2MOS technology. They have
the same high speed performance of LSTTL combined
with true CMOS low power consumption. The counter
has two separate clock inputs, an UP COUNT input
and a DOWN COUNT input. All outputs of the flip-flop
are simultaneously triggered on the low to high transi-
tion of either clock while the other input isheld high. The
direction of counting is determined by which input is
clocked. This counter may be preset by entering the
desired data on the DATA A, DATA B, DATA C, and
DATA D input. When the LOAD input is taken low the
data is loaded independently of either clock input. This
feature allows the counters to be used as divide-by-n
counters by modifying the count length with the preset
inputs. In addition the counter can also be cleared. This
is accomplished by inputting a high on the CLEAR
input. All 4 internal stages are set to low independently
of either COUNT input. Both a BORROW and CARRY
output are provided to enable cascading of both up and
down counting functions. The BORROW output pro-
duces a negative going pulse when the counter under-
flows and the CARRY outputs a pulse when the
counter overflows. The counter can be cascaded by
connecting the CARRY and BORROW outputs of one
device to the COUNT UP and COUNT DOWN inputs,
respectively, of the next device. All inputs are equipped
with protection circuits against static discharge and
transient excess voltage.
1/15


Similar Part No. - 74192

ManufacturerPart #DatasheetDescription
logo
Myrra
74192 MYRRA-74192 Datasheet
128Kb / 1P
DIMMER CHOKES FOR EMI SUPPRESSION
More results

Similar Description - 74192

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com