Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74192 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74192
Description  SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74192 Datasheet(HTML) 2 Page - STMicroelectronics

  74192 Datasheet HTML 1Page - STMicroelectronics 74192 Datasheet HTML 2Page - STMicroelectronics 74192 Datasheet HTML 3Page - STMicroelectronics 74192 Datasheet HTML 4Page - STMicroelectronics 74192 Datasheet HTML 5Page - STMicroelectronics 74192 Datasheet HTML 6Page - STMicroelectronics 74192 Datasheet HTML 7Page - STMicroelectronics 74192 Datasheet HTML 8Page - STMicroelectronics 74192 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
COUNT UP
COUNT DOWN
LOAD
CLEAR
FUNCTION
H
H
L
COUNT UP
H
H
L
NO COUNT
H
H
L
COUNT DOWN
H
H
L
NO COUNT
X
X
L
L
PRESET
X
X
X
H
RESET
X: Don’t Care
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
3, 2, 6, 7
QA to QD
Flip-Flop Outputs
4CPD
Count Down Clock Input
5CPU
Count Up Clock Input
11
LOAD
Asynchronous Parallel
Load Input (Active LOW)
12
CARRY
Count Up (Carry)
Output (Active LOW)
13
BORROW
Count Down (Borrow)
Output (Active LOW)
14
CLEAR
Asynchronous Reset
Input (Active HIGH)
15, 1, 10, 9
DA to DD
Data Inputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL (HC193)
IEC LOGIC SYMBOL (HC191)
M54/M74HC192/193
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com