Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC195 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC195
Description  8 BIT PIPO SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC195 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC195 Datasheet HTML 3Page - STMicroelectronics M54HC195 Datasheet HTML 4Page - STMicroelectronics M54HC195 Datasheet HTML 5Page - STMicroelectronics M54HC195 Datasheet HTML 6Page - STMicroelectronics M54HC195 Datasheet HTML 7Page - STMicroelectronics M54HC195 Datasheet HTML 8Page - STMicroelectronics M54HC195 Datasheet HTML 9Page - STMicroelectronics M54HC195 Datasheet HTML 10Page - STMicroelectronics M54HC195 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
115
ns
4.5
8
151923
6.0
7
131620
tPLH
tPHL
Propagation
Delay Time
(CLOCK- Qn, QD)
2.0
48
125
155
190
ns
4.5
16
25
31
38
6.0
14
21
26
32
tPLH
tPHL
Propagation
Delay Time
(CLEAR- Qn, QD)
2.0
45
120
150
180
ns
4.5
15
24
30
36
6.0
13
20
26
31
fMAX
Maximum Clock
Frequency
2.0
7.6
15
6
5
MHz
4.5
38
60
30
25
6.0
45
71
35
30
tW(H)
tW(L)
Minimum Pulse
Width
(CLOCK)
2.0
20
75
95
115
ns
4.5
5
151923
6.0
4
131620
tW(L)
Minimum Pulse
Width
(CLEAR)
2.0
20
75
95
115
ns
4.5
5
151923
6.0
4
131620
ts
Minimum Set-up
Time
(PI)
2.0
28
75
95
115
ns
4.5
7
151923
6.0
6
131620
ts
Minimum Set-up
Time
(J, K, S/L)
2.0
28
75
95
115
ns
4.5
7
151923
6.0
6
131620
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum
Removal Time
2.0
5
5
5
ns
4.5
5
5
5
6.0
5
5
5
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
72
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC195
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com