Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC195 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC195
Description  8 BIT PIPO SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC195 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC195 Datasheet HTML 1Page - STMicroelectronics M54HC195 Datasheet HTML 2Page - STMicroelectronics M54HC195 Datasheet HTML 3Page - STMicroelectronics M54HC195 Datasheet HTML 4Page - STMicroelectronics M54HC195 Datasheet HTML 5Page - STMicroelectronics M54HC195 Datasheet HTML 6Page - STMicroelectronics M54HC195 Datasheet HTML 7Page - STMicroelectronics M54HC195 Datasheet HTML 8Page - STMicroelectronics M54HC195 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUTS
OUTPUS
CLEAR SHIFT/
LOAD
CLOCK
SERIAL
PARALLEL
QA
QB
QC
QD
QD
J
K
ABCD
L
X
X
X
X
XXXX
L
L
L
L
L
H
L
X
X
a
b
c
d
abc
d
d
H
H
X
X
XXXX
QA0
QB0
QC0
QD0
QD0
H
H
L
H
XXXX
QA0
QA0
QBn
QCn
QCn
H
H
L
L
XXXX
L
QAn
QBn
QCn
QCn
H
H
H
H
XXXX
H
QAn
QBn
QCn
QCn
H
H
H
L
XXXX
QAn
QAn
QBn
QCn
QCn
X: Don’t Care: The level of QA, QB, QC, respectively, before the mst recent positive transition of the clock.
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
CLEAR
Reset Input (Active
LOW)
2
J
First Stage J Input
(Active LOW)
3
K
First Stage K Input
(Active LOW)
4, 5, 6, 7
A to D
Parallel Data Input
9
SHIFT/LOAD Control Input
10
CLOCK
Clock Input (LOW to
HIGH Edge-triggered)
11
QD
Inverted Output From
The Last Stage
15, 14, 13, 12
QA to QD
Paralle Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
M54/M74HC195
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com