Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7524L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7524L-S08-R
Description  POWER FACTOR CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7524L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  7524L-S08-R Datasheet HTML 1Page - Unisonic Technologies 7524L-S08-R Datasheet HTML 2Page - Unisonic Technologies 7524L-S08-R Datasheet HTML 3Page - Unisonic Technologies 7524L-S08-R Datasheet HTML 4Page - Unisonic Technologies 7524L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7524
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R114-002.D
POWER FACTOR
CONTROLLER
DESCRIPTION
The UTC 7524 provides the necessary features to implement
the Electronic BALLAST control and S.M.P.S application for
designing active power factor correction circuit
FEATURES
* Internal self-starting
* Micro power start up mode
* Included under voltage lockout circuit
* Internal 2% reference
* High output current: peak 500mA
DIP-8
SOP-8
*Pb-free plating product number: 7524L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
7524-D08-T
7524L-D08-T
DIP-8
Tube
7524-S08-R
7524L-S08-R
SOP-8
Tape Reel
7524-S08-T
7524L-S08-T
SOP-8
Tube
7524L-D08-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube, R: Tape Reel
(2) D08: DIP-8, S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 7524L-S08-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
POWER FACTOR CONTROLLER
7524-D08-T ETL-7524-D08-T Datasheet
123Kb / 5P
POWER FACTOR CONTROLLER
7524-S08-R ETL-7524-S08-R Datasheet
123Kb / 5P
POWER FACTOR CONTROLLER
7524-S08-T ETL-7524-S08-T Datasheet
123Kb / 5P
POWER FACTOR CONTROLLER
logo
TE Connectivity Ltd
7524A1311 TEC-7524A1311 Datasheet
331Kb / 6P
Controlled Electrical Cables
Revised 5-12
More results

Similar Description - 7524L-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
POWER FACTOR CONTROLLER
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
POWER FACTOR CONTROLLER
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
Power Factor Controller
January, 2007 ??Rev. 2
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
Power Factor Controller
October, 2005 ??Rev. 10
logo
Fairchild Semiconductor
SG6961 FAIRCHILD-SG6961 Datasheet
576Kb / 14P
Power Factor Controller
logo
Unisonic Technologies
UA7524 UTC-UA7524 Datasheet
204Kb / 5P
POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
Power Factor Controller
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
Power Factor Controller
March, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com