Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6711TR
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 25Page - STMicroelectronics L6711TR Datasheet HTML 26Page - STMicroelectronics L6711TR Datasheet HTML 27Page - STMicroelectronics L6711TR Datasheet HTML 28Page - STMicroelectronics L6711TR Datasheet HTML 29Page - STMicroelectronics L6711TR Datasheet HTML 30Page - STMicroelectronics L6711TR Datasheet HTML 31Page - STMicroelectronics L6711TR Datasheet HTML 32Page - STMicroelectronics L6711TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
L6711
Dynamic VID transitions
29/50
11.1
VID_SEL = OPEN.
Selecting the VRD10.x DAC, the device checks for VID code modifications on the rising
edge of a clock that is three times the switching frequency of each phase and waits for a
confirmation on the following falling edge. Once the new code is stable, on the next rising
edge, the reference starts stepping up or down in LSB increments (12.5mV) every clock
cycle (still 3·FSW) until the new VID code is reached. During the transition, VID code
changes are ignored; the device re-starts monitoring VID after the transition has finished on
the next rising edge available.
Warning:
if the new VID code is more than 1 LSB higher than the
previous, the device will execute the transition stepping the
reference with a frequency equal to 3·FSW until the new code
has reached: for this reason it is recommended to carefully
control the VID change rate in order to carefully control the
slope of the output voltage variation.
Warning:
DVID sample and hold clock depends on the switching
frequency FSW. To correctly perform DVID transition so
following the VID change rate, it is required to have at least 2
complete cycles of the FDVID clock between every VID
transition. If the VID update-rate is, for example, 5
µs, the
minimum operating frequency results to be FSW > 133kHz.
Figure 14.
Dynamic VID Transition, Hammer DAC
4 Step VID Transition - Hammer DAC
t
t
t
VID [0,5]
Int. Reference
Vout
Tsw
t
VID Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com