Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6711TR
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 41Page - STMicroelectronics L6711TR Datasheet HTML 42Page - STMicroelectronics L6711TR Datasheet HTML 43Page - STMicroelectronics L6711TR Datasheet HTML 44Page - STMicroelectronics L6711TR Datasheet HTML 45Page - STMicroelectronics L6711TR Datasheet HTML 46Page - STMicroelectronics L6711TR Datasheet HTML 47Page - STMicroelectronics L6711TR Datasheet HTML 48Page - STMicroelectronics L6711TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
L6711
Layout guidelines
45/50
18.2
Power connections related.
Figure 24 shows some small signal components placement.
●
Gate and phase traces must be sized according to the driver RMS current delivered to
the power mosfet. The device robustness allows managing applications with the power
section far from the controller without losing performances. Anyway, when possible, it is
suggested to minimize the distance between controller and power section.
In addition, since the PHASEx pin is the return path for the high side driver, this pin
might be connected directly to the High Side mosfet Source pin to have a proper driving
for this mosfet. For the LS mosfets, the return path is the PGNDx pin: it can be
connected directly to the power ground plane.
●
Bootstrap capacitor must be placed as close as possible to the BOOTx and PHASEx
pins to minimize the loop that is created.
●
Decoupling capacitor from VCC and SGND placed as close as possible to the involved
pins.
●
Decoupling capacitor from VCCDRx and PGNDx placed as close as possible to those
pins. This capacitor sustains the peak currents requested by the low-side mosfet
drivers.
●
Sensible components must be referred to SGND (when present): frequency set-up
resistor ROSC, offset resistor ROFFSET, TC resistor RTC and OVP resistor ROVP.
●
Star grounding: Connect SGND to PGND plane in a single point to avoid that drops due
to the high current delivered causes errors in the device behavior.
●
An additional ceramic capacitor is suggested to place near HS mosfet drain. This helps
in reducing HF noise.
●
VSEN pin filtered vs. SGND helps in reducing noise injection into device.
●
OUTEN pin filtered vs. SGND helps in reducing false trip due to coupled noise: take
care in routing driving net for this pin in order to minimize coupled noise.
●
PHASE pin spikes. Since the HS mosfet switches hardly, heavy voltage spikes can be
observed on the PHASEx pins. If these voltage spikes overcome the max breakdown
voltage of the pin, the device can absorb energy and it can cause damages. The
voltage spikes must be limited by proper layout; by the use of gate resistors, Schottky
diodes in parallel to the low side mosfets and/or snubber network on the low side
mosfets, and cannot overcome 26V, for 20nSec, at FSW = 600kHz.
●
Boot Capacitor Extra Charge. Systems that do not use Schottky diodes might show big
negative spikes on the phase pin. This spike can be limited as well as the positive spike
but has an additional consequence: it causes the bootstrap capacitor to be over-
charged. This extra-charge can cause, in the worst case condition of maximum input
voltage and during particular transients, that boot-to-phase voltage overcomes the abs.
max. ratings also causing device failures. It is then suggested in this cases to limit this
extra-charge by adding a small resistor in series to the boot diode (one resistor can be
enough for all the three diodes if placed upstream the diode anode, see Figure 23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com