Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 17Page - STMicroelectronics STA328_08 Datasheet HTML 18Page - STMicroelectronics STA328_08 Datasheet HTML 19Page - STMicroelectronics STA328_08 Datasheet HTML 20Page - STMicroelectronics STA328_08 Datasheet HTML 21Page - STMicroelectronics STA328_08 Datasheet HTML 22Page - STMicroelectronics STA328_08 Datasheet HTML 23Page - STMicroelectronics STA328_08 Datasheet HTML 24Page - STMicroelectronics STA328_08 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
STA328
Register description
21/57
bits determine the PLL factor generating the internal clock and the IR bit determines the
oversampling ratio used internally.
The STA328 has variable interpolation (re-sampling) settings such that internal processing
and DDX® output rates remain consistent. The first processing block interpolates by either 2
times or 1 time (pass-through) or provides a down-sample by a factor of 2.
The IR bits determine the re-sampling ratio of this interpolation.
If the thermal warning adjustment is enabled (TWAB = 0), then the thermal warning
recovery will determine if the adjustment is removed when thermal warning is negative. If
TWRB = 0 and TWAB = 0, then when a thermal warning disappears the gain adjustment
determined by the thermal warning post-scale (default = -3 dB) will be removed and the gain
will be added back to the system. If TWRB = 1 and TWAB = 0, then when a thermal warning
disappears the thermal warning post-scale gain adjustment will remain until TWRB is
changed to zero or the device is reset.
Table 11.
IR and MCS settings for input sample rate and clock rate
Input sample rate
fs (kHz)
IR
MCS[2:0]
000
001
010
011
100
101
32, 44.1, 48
00
768 fs
512 fs
384 fs
256 fs
128 fs
576 fs
88.2, 96
01
384 fs
256 fs
192 fs
128 fs
64 fs
x
176.4, 192
1X
384 fs
256 fs
192 fs
128 fs
64 fs
x
Table 12.
Interpolation ratio select
Bit
R/W
RST
Name
Description
4:3
RW
00
IR[1:0]
Interpolation ratio select: selects internal interpolation ratio
based on input
I2S sample frequency
Table 13.
IR bit settings as a function of input sample rate
Input sample rate fs (kHz)
IR[1,0]
1st stage interpolation ratio
32
00
2 times over-sampling
44.1
00
2 times over-sampling
48
00
2 times over-sampling
88.2
01
Pass-through
96
01
Pass-through
176.4
10
Down-sampling by 2
192
10
Down-sampling by 2
Table 14.
Thermal warning recovery bypass
Bit
R/W
RST
Name
Description
5RW
1
TWRB
Thermal warning recovery bypass:
0: thermal warning recovery enabled
1: thermal warning recovery disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com