Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 38Page - STMicroelectronics STA328_08 Datasheet HTML 39Page - STMicroelectronics STA328_08 Datasheet HTML 40Page - STMicroelectronics STA328_08 Datasheet HTML 41Page - STMicroelectronics STA328_08 Datasheet HTML 42Page - STMicroelectronics STA328_08 Datasheet HTML 43Page - STMicroelectronics STA328_08 Datasheet HTML 44Page - STMicroelectronics STA328_08 Datasheet HTML 45Page - STMicroelectronics STA328_08 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Register description
STA328
42/57
and therefore the release will only occur if the limiter has already reduced the gain. The
release threshold value can be used to set what is effectively a minimum dynamic range.
This is helpful as over-limiting can reduce the dynamic range to virtually zero and cause
program material to sound “lifeless”.
In AC mode the attack and release thresholds are set relative to full-scale. In DRC mode the
attack threshold is set relative to the maximum volume setting of the channels mapped to
that limiter and the release threshold is set relative to the maximum volume setting plus the
attack threshold.
Figure 17.
Basic limiter and volume flow diagram
Table 61.
Limiter attack/release rate selection
LxA[3:0]
Attack rate
dB/ms
LxR[3:0]
Release rate
dB/ms
0000
3.1584
Fast
0000
0.5116
0001
2.7072
0001
0.1370
0010
2.2560
0010
0.0744
0011
1.8048
0011
0.0499
0100
1.3536
0100
0.0360
0101
0.9024
0101
0.0299
0110
0.4512
0110
0.0264
0111
0.2256
0111
0.0208
1000
0.1504
1000
0.0198
1001
0.1123
1001
0.0172
1010
0.0902
1010
0.0147
1011
0.0752
1011
0.0137
1100
0.0645
1100
0.0134
1101
0.0564
1101
0.0117
1110
0.0501
1110
0.0110
1111
0.0451
Slow
1111
0.0104
Gain
Attenuation
Saturation
RMS
Limiter
Gain/Volume
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com