Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1545CG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1545CG
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545CG Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1545CG Datasheet HTML 1Page - STMicroelectronics STPS1545CG Datasheet HTML 2Page - STMicroelectronics STPS1545CG Datasheet HTML 3Page - STMicroelectronics STPS1545CG Datasheet HTML 4Page - STMicroelectronics STPS1545CG Datasheet HTML 5Page - STMicroelectronics STPS1545CG Datasheet HTML 6Page - STMicroelectronics STPS1545CG Datasheet HTML 7Page - STMicroelectronics STPS1545CG Datasheet HTML 8Page - STMicroelectronics STPS1545CG Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2007
Rev 6
1/9
9
STPS1545C
Power Schottky rectifier
Main product characteristics
Features and Benefits
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Avalanche capability specified
Description
Dual center tap Schottky rectifier suited for
SwitchMode Power Supply and high frequency
DC to DC converters.
Packaged either in TO-220AB, D2PAK or I2PAK,
this device is especially intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection applications.
IF(AV)
2 x 7.5 A
VRRM
45 V
Tj (max)
175° C
VF(max)
0.57 V
A1
A2
K
TO-220AB
STPS1545CT
I2PAK
STPS1545CR
D2PAK
STPS1545CG
A1
K
A2
A1
K
A2
A1
K
A2
www.st.com


Similar Part No. - STPS1545CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1545CG STMICROELECTRONICS-STPS1545CG Datasheet
84Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS1545CG STMICROELECTRONICS-STPS1545CG Datasheet
136Kb / 8P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS1545CG-TR STMICROELECTRONICS-STPS1545CG-TR Datasheet
84Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS1545CG-TR STMICROELECTRONICS-STPS1545CG-TR Datasheet
494Kb / 13P
Power Schottky rectifier
26-Feb-2016
More results

Similar Description - STPS1545CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com