Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP515K103C Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # RP515K103C
Description  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  RP515K103C Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
RP515x
No.EA-505-251006
2
SELECTION GUIDE
The set output voltage for DC/DC, the division ratio of BM output voltage, the auto-discharge function (1) for
DC/DC and the packages are user-selectable options.
Selection Guide
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP515Zxx#$-TR-F
WLCSP-9-P2
5,000 pcs
Yes
Yes
RP515Kxx#$-TR
DFN(PL)2527-10
5,000 pcs
Yes
Yes
xx: Specify the set output voltage for DC/DC (VSET).within the range from 1.0 V (10) to 4.0 V (40)
The voltage in 0.05 V step is shown as follows:
Ex. 1.25 V: RP515x12xx5
Refer to the Product-specific Electrical Characteristics for detailed information.
* Contact our sales representatives for other voltages.
#: Select the division ratio of BM output voltage
3: VIN /3
4: VIN /4
$: Select the auto-discharge option for DC/DC.
C: DC/DC auto-discharge is not included
D: DC/DC auto-discharge is included
(1) Auto-discharge function quickly lowers the output voltage to 0 V by releasing the electrical charge accumulated in the
external capacitor, when the chip enable signal is switched from the active mode to the standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com