Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP515K103C Datasheet(PDF) 8 Page - Nisshinbo Micro Devices Inc.

Part # RP515K103C
Description  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C Datasheet(HTML) 8 Page - Nisshinbo Micro Devices Inc.

Back Button RP515K103C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
RP515x
No.EA-505-251006
8
ELECTRICAL CHARACTERISTICS (Continued)
The specifications surrounded by
are guaranteed by design engineering at −40°C ≤ Ta ≤ 85°C.
RP515x Electrical Characteristics: Battery Monitor Section
(Ta = 25
C)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VBM
Output voltage
RP515xxx3x
VIN = 5.5 V,
−10 μA ≤ IBM ≤ 10 μA
VIN/3-30
VIN/3
VIN/3+30
mV
RP515xxx4x
VIN/4-30
VIN/4
VIN/4+30
IBM
Output current
VIN = 5.5 V
−10
10
µA
ISSBM
Supply current
VIN = VCE2 =5.5 V,
IBM =
0 μA
0.1
µA
VCE2H
CE2 pin input voltage, high
1.8 V
≤ VIN ≤ 5.5 V
1.0
V
VCE2L
CE2 pin input voltage, low
1.8 V
≤ VIN ≤ 5.5 V
0.4
V
RDISNBM
Auto-discharge
NMOS on-resistance
VIN = 4.0 V, VCE2 = 0 V
50
Ω
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj ≈ Ta = 25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com