Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEX Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # HEX
Description  UL Classified Explosion-Proof Housings HEX Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

HEX Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  HEX Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC. HEX Datasheet HTML 2Page - CBC Group. CBC AMERICA LLC. HEX Datasheet HTML 3Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UL Classified Explosion-Proof Housings
HEX Series
Features:
• UL/cUL Classified
• Designed to meet ATEX / IEC Ex Certification
(pending)
• For use in Hazardous Locations (HazLoc)
• Chemically-strengthened glass viewing win-
dow
• Durable aluminum construction
• IP66 / NEMA 4X for all weather conditions
• Operating temperature range (-4 ~ +122˚F)
• Indoor/outdoor installation
• Made in the USA
Explosion-Proof Housings allow electrical equipment to be installed in hazardous environments con-
taining flammable vapors, gases, or dust. The housings are designed to prevent any ignition or spark
caused by the electronics inside from igniting the surrounding flammable atmosphere.
The HEX Series UL-classified explosion-proof housings are available in three (3) sizes ranging from
4- to 6.6-inches in diameters. They are designed to enclose a camera and lens to provide surveillance in
hazardous environments. The unit is suitable for outdoor operation and are classified as enclosures for
use in Hazardous Locations (HazLoc).
The HEX enclosure includes cable entry ports in the rear of the unit and a generic camera-mounting
platform sized to accept various camera and lens combinations. They can be attached to a variety of
fixed mounts or an explosion-proof Pan/Tilt base (optional). An optional sun shield is also available.
computar.com/ex-proof


Similar Part No. - HEX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HEX COOPER-HEX Datasheet
62Kb / 2P
TRON짰 In-Line Fuseholders
HEX COOPER-HEX Datasheet
841Kb / 6P
HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
Eaton All Rights Reserv...
HEX EATON-HEX Datasheet
996Kb / 6P
HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
LEMO Connectors
HEX.4F.340.XLDP LEMO-HEX.4F.340.XLDP Datasheet
82Kb / 3P
F - Rugged Push-Pull
HEX.5F.364.XLDP LEMO-HEX.5F.364.XLDP Datasheet
82Kb / 3P
F - Rugged Push-Pull
More results

Similar Description - HEX

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
analog output Dust explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com