Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEX Datasheet(PDF) 2 Page - CBC Group. CBC AMERICA LLC.

Part # HEX
Description  UL Classified Explosion-Proof Housings HEX Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

HEX Datasheet(HTML) 2 Page - CBC Group. CBC AMERICA LLC.

  HEX Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC. HEX Datasheet HTML 2Page - CBC Group. CBC AMERICA LLC. HEX Datasheet HTML 3Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HEX Series
Explosion-Proof Housing
Specifications are subject to change without notice.
Specifications
CORPORATE HQ +1 (919) 230-8700 | WEST COAST +1 (310) 222-8600
computar.com ©2022 CBC AMERICA LLC. All Rights Reserved. 06/22
UL/cUL Classification
Class I, Div 1, Groups C,D. Class II, Div 1, Groups E,F,G.
ATEX/IECEx Certification (pending)
Ex db IIB Gb, Ex tb IIIC Db
Safety Standards
UL 1203, Explosion-Proof and Dust-Ignition-Proof Electrical
Equipment for Use in Hazardous (Classified) Locations
UL 2062, Enclosures For Use In Hazardous (Classified) Locations
CSA C22.2 No. 25-17, Enclosures for use in Class II Groups E, F, and G Hazardous
Locations
CSA C33.3 No. 30, Explosion-Proof Equipment
Environmental
IP66 / NEMA 4X for all weather conditions
Cable Entry
2 x ½” NPT threaded holes
Window Construction
Tempered Borosilicate glass
Housing Construction
Aluminum with stainless steel fasteners
Finish
Powder coat paint
Models
HEX-40140
HEX-50175
HEX-66205
Dimensions W x H x L
6.0” x 6.2” x 14.3”
152 x 157.5 x 362mm
8.0” x 8.2” x 18.3”
203 x 208 x 465mm
10”x 10.5”x 21.3”
254 x 267 x 541mm
Internal Dimensions
12” L x ø 3.5”
304.8 L x ø 89mm
15” L x ø 4.5”
381 x ø 114mm
18” L x ø 6.0”
457 x ø 152mm
Window Area
ø 2.2” (ø 57mm)
ø 2.7” (ø 69mm)
ø 3.3” (ø 81mm)
Window Thickness
0.5” (13mm)
0.5” (13mm)
0.5” (13mm)
Weight
9.8 lbs (4.4 kg)
20 lbs (9.1 kg)
36.6 lbs (16.6 kg)
Operating Temp
-4 ~ +122˚F (-20 ~ +50˚C)
Accessories
Sun Shield
HEX-SS
Pole Mount
HEX-PM
Wall Mount
HEX-WMT
computar.com/ex-proof



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com