Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA0108B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # NA0108B
Description  nanoNET TRX Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NA0108B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button NA0108B Datasheet HTML 17Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 18Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 19Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 20Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 21Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 22Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 23Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 24Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Electrical Specifications
nanoNET TRX Transceiver (NA1TR8) Datasheet
© 2007 Nanotron Technologies GmbH.
NA-03-0111-0239-2.09 Page 15
8
8.6
Interface to Digital Controller Parameters
Under nominal conditions unless specified. See Nominal Conditions on page 7.
Note: Level translator is required for 5V logic level microcontroller.
Turn-on time TX
(user command received via SPI and
begin of packet transmission)
–
24
–
µs
Turn-on time RX
(user command received via SPI and
begin of packet reception)
–
6
–
µs
Startup Time for 16 MHz XTAL until sta-
ble frequency generation
1.5
–
5
ms
Calibration time
–
.2
–
ms
Table 9: Interface to digital controller parameters
Symbol
Description
Min
Typical
Max
Unit
Notes
µCVccExt
High current output /
high impendance
Voltage @ 10mA load
VDD - 100
VDD - 20
VDD
mV
Maximum
current output =
10mA /
high impedance
mode
µCReset
Push-pull, tristate
–
–
–
V
See footnotea
a.
Vcc = 2.4V : VOH = 2.0V, VIH = 1.7V, VOL = 0.2V, VIL = 0.7V,
Vcc = 3.0..3.6V : VOH = 2.4V, VIH = 1.7..2.0V, VOL = 0.2V, VIL = 0.8V
µCIRQ
Push-pull
–
–
–
V
See footnotea .
SpiRxD
SpiClk,
SpiSSn
Input
–
–
–
V
See footnotea
SpiTxD
Open-drain or
push-pull
–
–
–
V
See footnotea
Table 8: Power management and sleep/wake-up circuitry parameters
Description
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com