Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA0108B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NA0108B
Description  nanoNET TRX Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NA0108B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NA0108B Datasheet HTML 3Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 4Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 5Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 6Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 7Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 8Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 9Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 10Page - List of Unclassifed Manufacturers NA0108B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Chip Summary
nanoNET TRX Transceiver (NA1TR8) Datasheet
1
© 2007 Nanotron Technologies GmbH.
NA-03-0111-0239-2.09 Page 1
1Chip Summary
The nanoNET chip is a low-power, highly integrated mixed signal chip uti-
lizing Nanotron’s unique wireless Chirp Spread Spectrum (CSS) communi-
cation technology.
This innovative modulation technique permits the development of chips
that have extremely low power consumption, operate over a wide range of
temperatures, and perform effortlessly in robust wireless networks operat-
ing in the 2.45 GHz ISM band.
This chip offers an ideal solution for battery powered applications that re-
quire a reliable and extremely long operating lifetime, such as several
years.
For communication over the air, CSS uses Upchirps and Downchirps with a symbol duration of Tsymbol = 1
µs and an effective bandwidth of Bchirp = 64 MHz.
A wide variety of systems and applications can be developed with this novel technology, with the additional
advantage of being able to select from data rates of either 500 kbps, 1 Mbps, or 2 Mbps.
Conveniently, only a minimal number of external components are required to build a fully operational bi-di-
rectional communication node.
Target Applications
Industries that can benefit from nanoNET's robust, reliable communication include, but are not limited to:
+
Active RFID
+
Industrial Control and Monitoring
+
Home Automation
+
Meter and Sensor Reading
Key Features1
+
Provides a single chip solution for a 2.45 GHz
ISM band RF transceiver
+
Allows unregulated 2.4 V ... 3.6 V supply
voltage
+
Includes an integrated SPI (slave mode only)
+
Includes an integrated microcontroller man-
agement function
+
Provides a maximum data rate of 2 Mbps
+
Provides a maximum range for LOS (without
interferers) at 900 m outdoors and 60 m
indoors (with optimal conditions)
+
Uses an effective chirp bandwidth of
64 MHz
+
Receiver sensitivity is -92 dBm @ 1 Mbps
+
Carrier to Interference is C/I = -3…0 dB
@ C = -82 dBm
+
Processing gain is 17 dB
+
Current consumption is 35 mA (RX),
78 mA (TX) @ 8 dBm
+
Standby current with active RTC is 1.5 µA
+
Allows an operating temperature range of
between -40° C to +85° C
+
Includes an integrated 4 channel digital I/O
+
Includes an integrated MAC controller
+
Provides a 32.768 kHz clock for microcontrol-
lers
+
Includes a programmable clock output at digi-
tal output
1. At nominal conditions, except otherwise specified. (See Nominal Conditions on page 7.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com