Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 28 Page - STMicroelectronics

Part # LRI64
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LRI64_08 Datasheet HTML 24Page - STMicroelectronics LRI64_08 Datasheet HTML 25Page - STMicroelectronics LRI64_08 Datasheet HTML 26Page - STMicroelectronics LRI64_08 Datasheet HTML 27Page - STMicroelectronics LRI64_08 Datasheet HTML 28Page - STMicroelectronics LRI64_08 Datasheet HTML 29Page - STMicroelectronics LRI64_08 Datasheet HTML 30Page - STMicroelectronics LRI64_08 Datasheet HTML 31Page - STMicroelectronics LRI64_08 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Request processing by the LRI64
LRI64
28/52
16.1
Explanation of the possible cases
Figure 21 summarizes the main possible cases that can occur during an anticollision
sequence when the number of slots is 16.
The different steps are:
●
The VCD sends an Inventory request, in a frame, terminated by a EOF. The number of
slots is 16.
●
LRI64 #1 transmits its response in slot 0. It is the only one to do so, therefore no
collision occurs and its UID is received and registered by the VCD;
●
The VCD sends an EOF, to switch to the next slot.
●
In slot 1, two LRI64 devices, #2 and #3, transmit their responses. This generates a
collision. The VCD records it, and remembers that a collision was detected in slot 1.
●
The VCD sends an EOF, to switch to the next slot.
●
In slot 2, no LRI64 transmits a response. Therefore the VCD does not detect a LRI64
SOF, and decides to switch to the next slot by sending an EOF.
●
In slot 3, there is another collision caused by responses from LRI64 #4 and #5
●
The VCD then decides to send a request (for instance a Read Block) to LRI64 #1,
whose UID was already correctly received.
●
All LRI64 devices detect a SOF and exit the anticollision sequence. They process this
request and since the request is addressed to LRI64 #1, only LRI64 #1 transmits its
response.
●
All LRI64 devices are ready to receive another request. If it is an Inventory command,
the slot numbering sequence restarts from 0.
Note:
The decision to interrupt the anticollision sequence is up to the VCD. It could have continued
to send EOFs until slot 15 and then send the request to LRI64 #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com