Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 35 Page - STMicroelectronics

Part # LRI64
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LRI64_08 Datasheet HTML 31Page - STMicroelectronics LRI64_08 Datasheet HTML 32Page - STMicroelectronics LRI64_08 Datasheet HTML 33Page - STMicroelectronics LRI64_08 Datasheet HTML 34Page - STMicroelectronics LRI64_08 Datasheet HTML 35Page - STMicroelectronics LRI64_08 Datasheet HTML 36Page - STMicroelectronics LRI64_08 Datasheet HTML 37Page - STMicroelectronics LRI64_08 Datasheet HTML 38Page - STMicroelectronics LRI64_08 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
LRI64
Command codes
35/52
Figure 29.
READ Single Block frame exchange between VCD and LRI64
18.4
Write Single Block
When receiving the Write Single Block command, the LRI64 writes the requested block with
the data contained in the request and report the success of the operation in the response.
The Option_Flag is not supported and must be set to 0. The Write Single Block can be
issued in both addressed and non addressed modes.
During the write cycle tW, no modulation shall occur, otherwise the LRI64 may program the
data incorrectly in the memory.
The request frame (Figure 30) contains:
●
Request flags (Table 3 and Table 4)
●
Write Single Block command code (21h, Table 9)
●
Unique ID (Optional)
●
Block number
●
Data
●
2-byte CRC (Figure 15)
If there is no error, at the LRI64, an empty response frame (Figure 31) is sent back after the
write cycle, containing no parameters. It just contains:
●
Response flags (Table 6)
●
2-byte CRC (Figure 15)
Otherwise, if there is an error, the response frame (Figure 32) contains:
●
Response flags (01h, Table 6)
●
Error Code (0Fh, Table 7)
●
2-byte CRC (Figure 15)
Figure 30.
Write Single Block, request frame format
Figure 31.
Write Single Block, response frame format, when Error_Flag is not set
AI06832B
VCD
VICC
t1
SOF
Read Single
Block Request
EOF
SOF
Read Single
Block Response
EOF
AI09735
Request
SOF
Request
Flags
Command
Code
UID
2-Byte
CRC
Request
EOF
8 bits
8 bits
21h
64 bits
16 bits
Block
Number
8 bits
Data
8 bits
AI09736
Response
SOF
Response
Flags
2-Byte
CRC
Response
EOF
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com