Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7105 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC7105
Description  ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMA BULKHEAD JACK RECEPTACLE MOUNTING HOLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7105 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC7105 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-18 GHZ
IMPEDANCE: 50 OHMS
OP. TEMP RANGE: -55C to +155C
MECHANICAL:
MATERIAL BODY: PASS. STAINLESS STEEL
CENTER CONTACT: BeCu ASTM B196
CONTACT PLATING: Au 50 " MIL-G-45204
CAPTIVATED CONTACT
INSULATOR: TEFLON ASTM D457 D1710
INTERFACE: MIL-STD-883A
ROHS COMPLIANT
3FKR5
SMA BULKHEAD JACK RECEPTACLE
SMA-F
.450"
1/4"-36UNS
.670" OAL
.236 MIN
MOUNTING HOLE
.315" HEX
.232" FLAT
.032" ID
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
SMA BULKHEAD JACK RECEPTACLE


Similar Part No. - SC7105

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7106 SILAN-SC7106 Datasheet
594Kb / 21P
3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
logo
Infinite Electronics In...
SC7106 FAIRVIEW-SC7106 Datasheet
627Kb / 3P
SMA Female Bulkhead Connector Pin Terminal Solder Attachment
REV 1.2A
logo
Silan Microelectronics ...
SC7106RCPL SILAN-SC7106RCPL Datasheet
594Kb / 21P
3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
SC7107 SILAN-SC7107 Datasheet
594Kb / 21P
3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
logo
Infinite Electronics In...
SC7107 FAIRVIEW-SC7107 Datasheet
35Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMA BULKHEAD JACK RECEPTACLE
REV A
More results

Similar Description - SC7105

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD872-36-3 WINCHESTER-SD872-36-3 Datasheet
74Kb / 1P
JACK, BULKHEAD, SMA
SD872-57-3 WINCHESTER-SD872-57-3 Datasheet
67Kb / 1P
JACK, BULKHEAD, SMA
logo
Amphenol Corporation
132270-66307 AMPHENOL-132270-66307 Datasheet
44Kb / 2P
SMA BULKHEAD RECEPTACLE JACK END LAUNCH
logo
Rosenberger Hochfrequen...
32K607-302L5 ROSENBERGER-32K607-302L5 Datasheet
225Kb / 2P
SMA BULKHEAD JACK
32K607-303L5 ROSENBERGER-32K607-303L5 Datasheet
225Kb / 2P
SMA BULKHEAD JACK
32K601-271L5 ROSENBERGER-32K601-271L5 Datasheet
286Kb / 2P
SMA BULKHEAD JACK
32K601-272L5 ROSENBERGER-32K601-272L5 Datasheet
350Kb / 2P
SMA BULKHEAD JACK
32K103-5H0L5 ROSENBERGER-32K103-5H0L5 Datasheet
220Kb / 2P
SMA BULKHEAD JACK
32K607-303N5 ROSENBERGER-32K607-303N5 Datasheet
57Kb / 2P
SMA BULKHEAD JACK
logo
Molex Electronics Ltd.
0732510240 MOLEX-0732510240_V01 Datasheet
44Kb / 1P
50 Ohms, SMA Jack Receptacle Bulkhead, Solder Pot
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com