Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC7266 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC7266
Description  HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC7266 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC7266 Datasheet HTML 1Page - STMicroelectronics M74HC7266 Datasheet HTML 2Page - STMicroelectronics M74HC7266 Datasheet HTML 3Page - STMicroelectronics M74HC7266 Datasheet HTML 4Page - STMicroelectronics M74HC7266 Datasheet HTML 5Page - STMicroelectronics M74HC7266 Datasheet HTML 6Page - STMicroelectronics M74HC7266 Datasheet HTML 7Page - STMicroelectronics M74HC7266 Datasheet HTML 8Page - STMicroelectronics M74HC7266 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54/74HC266
M54/74HC7266
March 1993
HC7266 QUAD EXCLUSIVE NOR GATE
HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXX1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 10 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE (7266)
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS (7266)
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS7266
The M54/74HC266/7266 are high speed CMOS
QUAD EXCLUSIVE NOR GATES, fabricated in sili-
con gate C
2MOS technology. They have the same
high speed performance of LSTTL combined with
true CMOS low power consumption.
The HC266 has a high performance N-channel
MOS transistor (OPEN DRAIN output).
The HC7266 has an output buffer which is CMOS
structure.
Input and output buffers ensure high noise immunity
and stable outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/11


Similar Part No. - M74HC7266

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC7266 STMICROELECTRONICS-M74HC7266 Datasheet
174Kb / 9P
QUAD EXCLUSIVE NOR GATE
Jul-2001
M74HC7266B1R STMICROELECTRONICS-M74HC7266B1R Datasheet
174Kb / 9P
QUAD EXCLUSIVE NOR GATE
Jul-2001
M74HC7266M1R STMICROELECTRONICS-M74HC7266M1R Datasheet
174Kb / 9P
QUAD EXCLUSIVE NOR GATE
Jul-2001
M74HC7266RM13TR STMICROELECTRONICS-M74HC7266RM13TR Datasheet
174Kb / 9P
QUAD EXCLUSIVE NOR GATE
Jul-2001
M74HC7266TTR STMICROELECTRONICS-M74HC7266TTR Datasheet
174Kb / 9P
QUAD EXCLUSIVE NOR GATE
Jul-2001
More results

Similar Description - M74HC7266

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
Quad 2-Input Exclusive NOR Gate
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP Datasheet
179Kb / 4P
QUAD EXCLUSIVE NOR GATE
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
QUAD EXCLUSIVE-OR / NOR GATE
logo
STMicroelectronics
M74HC266 STMICROELECTRONICS-M74HC266 Datasheet
167Kb / 8P
QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN
Jul-2001
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
107Kb / 7P
QUAD EXCLUSIVE NOR GATE
Sep-2001
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP_07 Datasheet
225Kb / 7P
Quad Exclusive NOR Gate
logo
STMicroelectronics
M74HC7266 STMICROELECTRONICS-M74HC7266 Datasheet
174Kb / 9P
QUAD EXCLUSIVE NOR GATE
Jul-2001
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com