Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC7266 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC7266
Description  HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC7266 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC7266 Datasheet HTML 1Page - STMicroelectronics M74HC7266 Datasheet HTML 2Page - STMicroelectronics M74HC7266 Datasheet HTML 3Page - STMicroelectronics M74HC7266 Datasheet HTML 4Page - STMicroelectronics M74HC7266 Datasheet HTML 5Page - STMicroelectronics M74HC7266 Datasheet HTML 6Page - STMicroelectronics M74HC7266 Datasheet HTML 7Page - STMicroelectronics M74HC7266 Datasheet HTML 8Page - STMicroelectronics M74HC7266 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTHL
Output Transition
Time (HC266)
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tTLH
tTHL
Output Transition
Time (HC7266)
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLZ
tPZL
Propagation
Delay Time
(HC266)
2.0
RL =1K
Ω
48
90
115
135
ns
4.5
12
18
23
27
6.0
10
15
20
23
tPLH
tPHL
Propagation
Delay Time
(HC7266)
2.0
36
90
115
135
ns
4.5
11
18
23
27
6.0
9
152023
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
20
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/4 (per Gate)
SWITCHING CHARACTERISTICS TEST CIRCUIT (HC266)
M54/M74HC266/7266
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com