Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA017 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA017
Description  ADAPTER, 75 OHM BNC M / TYPE F FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA017 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA017 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BNC MALE
NOTES:
1. CHARACTERISTIC IMPEDANCE: 75 OHMS
2. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
'F' TYPE FEMALE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
ECN 6056: REVISED DESCRIPTION, NEW FORMAT AND PACKAGING NOTE
REF
A
F
C.MCCORMICK
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
UNLESS OTHERWISE SPECIFIED,
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
1
BA017.SLDDRW
1
8
MAY OCCUR
T. CLARK
BA017
03/19/02
REVISIONS
DESCRIPTION
APPROVED
REV
03/20/02
12/12/07
03/19/02
DATE
43321
ECN 3112: UPDATE DWG FORMAT
E
D.GRIFFIN
D.FRISIELLO
3/28/12
F
DIMENSIONS ARE IN INCHES [mm]
CATEGORY
PRODUCT DESCRIPTION
D.PARHAM
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
ADAPTER, 75 OHM BNC M / TYPE F FEMALE
COAXIAL
PROJECTION
COLOR VARIATIONS
NORTH ANDOVER, MA
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
DESCRIPTION
MATERIAL
FINISH
CONNECTOR BODY
BRASS
NICKEL PLATED
CENTER CONTACTS
BRASS
GOLD PLATED
F
F
F
1.2
30.5


Similar Part No. - BA017

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BA01202 MITSUBISHI-BA01202 Datasheet
49Kb / 1P
GaAs HBT HYBRID IC(N-CDMA hand set)
BA01203 MITSUBISHI-BA01203 Datasheet
56Kb / 1P
GaAs HBT HYBRID IC(CDMA/AMPS handheld-phone)
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
GaAs HBT HYBRID IC
BA01232 MITSUBISHI-BA01232 Datasheet
19Kb / 1P
The BA01232 is GaAs RF amplifier designed for W-CDMA hand-held phone
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
More results

Similar Description - BA017

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
logo
Pasternack Enterprises,...
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com