Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC292 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC292
Description  PROGRAMMABLE DIVIDER/TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC292 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC292 Datasheet HTML 1Page - STMicroelectronics M54HC292 Datasheet HTML 2Page - STMicroelectronics M54HC292 Datasheet HTML 3Page - STMicroelectronics M54HC292 Datasheet HTML 4Page - STMicroelectronics M54HC292 Datasheet HTML 5Page - STMicroelectronics M54HC292 Datasheet HTML 6Page - STMicroelectronics M54HC292 Datasheet HTML 7Page - STMicroelectronics M54HC292 Datasheet HTML 8Page - STMicroelectronics M54HC292 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
M54/74HC292/7292
M54/74HC294/7294
October 1993
PROGRAMMABLE DIVIDER/TIMER
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
.
HIGH SPEED
fMAX = 70 MHz (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC = 4 mA (MAX.) at TA =25
oC
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS292/294
DESCRIPTION
The 54/74HC292/7292 and HC294/7294 are high
speed CMOS PROGRAMMABLE DIVIDER/TIMER
fabricated with silicon C
2MOS technology.
They achieve the high speed operation similar to
equivalent LSTTL while maintaining the CMOS low
power dissipation.
These
devices are
programmable
frequency
dividers. The types have two clock inputs, either one
may be used for clock gating. (see the function
table). The HC292/7292 can divide from 2
2 to 231,
and the HC294/7294 can divide from 2
2 to 215. The
types feature an active-low clear input to initialize
the state of all flip-flops. To facilitate incoming
inspection, test points are provided. (TP1, TP2 and
TP3
on
the
HC292/7292
and
TP on
the
HC294/7294).
All
inputs
are
equipped
with
protection circuits against static discharge and
transient excess voltage.
HC292/294 have Q output with ”Totem pole”
configuration and test point TP with ”Open Drain”
output configuration.
HC7292/7294 have all outputs ”Totem Pole”.
HC292
HC7292
HC294
HC7294
HC292
HC7292
HC294
HC7294
1/14


Similar Part No. - M54HC292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
M54HC298F1R STMICROELECTRONICS-M54HC298F1R Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
M54HC299 STMICROELECTRONICS-M54HC299 Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
M54HC299B1R STMICROELECTRONICS-M54HC299B1R Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
M54HC299C1R STMICROELECTRONICS-M54HC299C1R Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
More results

Similar Description - M54HC292

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
PROGRAMMABLE DIVIDER/TIMER
logo
Hitachi Semiconductor
HD74HC292 HITACHI-HD74HC292 Datasheet
68Kb / 12P
Programmable Frequency Divider/Digital Timer
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP_07 Datasheet
407Kb / 10P
Programmable Divider/Timer
logo
STMicroelectronics
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
PROGRAMMABLE DIVIDER/TIMER
Aug-2001
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
PROGRAMMABLE DIVIDER/TIMER
Aug-2001
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
Programmable Frequency Divider/Digital Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com