Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC292 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC292
Description  PROGRAMMABLE DIVIDER/TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC292 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC292 Datasheet HTML 2Page - STMicroelectronics M54HC292 Datasheet HTML 3Page - STMicroelectronics M54HC292 Datasheet HTML 4Page - STMicroelectronics M54HC292 Datasheet HTML 5Page - STMicroelectronics M54HC292 Datasheet HTML 6Page - STMicroelectronics M54HC292 Datasheet HTML 7Page - STMicroelectronics M54HC292 Datasheet HTML 8Page - STMicroelectronics M54HC292 Datasheet HTML 9Page - STMicroelectronics M54HC292 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FUNCTION TABLE (HC294/7294)
PROGRAMMING
INPUTS
FREQUENCY DIVISION
QTP
D
C
B
A
BINARY
DECIMAL
BINARY
DECIMAL
L
L
L
L
Inhibit
Inhibit
Inhibit
Inhibit
L
L
L
H
Inhibit
Inhibit
Inhibit
Inhibit
L
LHL
2
2
42
9
512
LL
H
H
2
3
82
9
512
LH
L
L
2
4
16
2
9
512
LH
LH
2
5
32
2
9
512
LH
H
L
2
6
64
2
9
512
LH
H
H
2
7
128
Disabled Low
H
LLL
2
8
256
2
2
4
HL
L
H
2
9
512
2
3
8
HLHL
2
10
1,024
2
4
16
HLH
H
2
11
2,048
2
5
32
HH
L
L
2
12
4,096
2
6
64
HH
L
H
2
13
8,192
2
7
128
HHH
L
2
14
16,384
2
8
256
HHH
H
2
15
32,768
2
9
512
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND
DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage tothe device may occur. Functional operation under these conditions is not implied.
(*) 500 mW:
≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature:
M54HC Series
M74HC Series
-55 to +125
-40 to +85
oC
oC
tr,tf
Input Rise and Fall Time
VCC = 2 V
0 to 1000
ns
VCC = 4.5 V
0 to 500
VCC = 6 V
0 to 400
M54/M74HC292/7292/294/7294
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com