Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA35FF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA35FF
Description  3.5MM AUDIO PANEL MT COUPLER F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA35FF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA35FF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11.94
.470
.505
12.83
E
NOTES:
MATERIAL:
BODY: BRASS
NUT: BRASS
LOCK WASHER: BRASS
FINISH: NICKEL PLATED
MAXIMUM PANEL THICKNESS: 0.169 [4.3]
COUPLER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
3/17/08
D.FRISIELLO
A
PROJECTION
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
3.5MM AUDIO PANEL MT COUPLER F
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
UNLESS OTHERWISE SPECIFIED,
8
BA35FF
E
BA35FF.SLDDRW
11
3/21/08
REVISIONS
DESCRIPTION
APPROVED
REV
MAY OCCUR
DATE
D.PARHAM
3/21/08
10/19/15
E
ECN 8138: REVISED WASHER MATERIAL FROM STEEL TO BRASS
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
D.CASTRO
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
AUDIO/VIDEO
COLOR VARIATIONS
NORTH ANDOVER, MA
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
BODY
LOCK WASHER
HEX NUT
.500-32 UN THREAD
36.3
1.43
1.4
.06
.53
13.4
RECOMMENDED
PANEL OPENING
.55
14
.37
9.3
11.7
.46
.55
14
HEX


Similar Part No. - BA35FF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3513 ROHM-BA3513 Datasheet
124Kb / 7P
3V dual pre / power amplifier
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
3V dual pre / power amplifier
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
3V dual pre/power amplifier
BA3528 ROHM-BA3528 Datasheet
258Kb / 14P
Pre / power amplifier and motor governor for 3V headphone stereos
BA3528AFP ROHM-BA3528AFP Datasheet
258Kb / 14P
Pre / power amplifier and motor governor for 3V headphone stereos
More results

Similar Description - BA35FF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2604 BEL-2604 Datasheet
177Kb / 1P
DUAL STCK 3.5mm stereo jack pcb mt
logo
CUI INC
SJ5-43502PM CUI-SJ5-43502PM Datasheet
27Kb / 1P
3.5mm Panel Mount Audio Jack - 4 Connector
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
SJ-43502PM CUI-SJ-43502PM Datasheet
265Kb / 1P
3.5mm Panel Mount Audio Jack - 4 Connector
logo
Winchester Electronics ...
TRU-13025 WINCHESTER-TRU-13025 Datasheet
96Kb / 1P
CONNECTOR, COAXIAL 13-30(f) to 13-30(f) Panel Mt Adapter
logo
CUI INC
SJD-3510-33 CUI-SJD-3510-33 Datasheet
31Kb / 1P
DUAL STACK 3.5mm STEREO JACK PCB MT.
SJD-3510-45 CUI-SJD-3510-45 Datasheet
151Kb / 1P
DUAL STACK 3.5mm STEREO JACK PCB MT.
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Tripp Lite. All Rights ...
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
P310-000 TRIPPLITE-P310-000 Datasheet
162Kb / 2P
3.5mm Mini Stereo Audio Coupler (F/F)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com