Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA404Z Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA404Z
Description  UHF RIGHT ANGLE PLUG TO JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA404Z Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA404Z Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.27 32.3
1.18 30
UHF PLUG
.68 17.3
UHF JACK
5/8-24 UNF-2A
SPECIFICATIONS;
MATERIALS;
BODY: BRASS
PIN: BRASS
INSULATOR: DELRIN
FINISH;
SHELL: NICKEL
PIN: NICKEL
ELECTRICAL;
NOMINAL IMPEDANCE: 50 ohm
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA404Z
C
BA404Z.SLDDRW
1
1
MCCORMICK
12/05/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
12/05/01
10/20/2003
01/20/03
A
B
INITIAL RELEASE
REVISED PIN PLATING FROM GOLD TO NICKEL (ECN 1578)
11/05/03
MCCORMICK
MCCORMICK
C
ECN 3129: UPDATE DWG FORMAT
12/20/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
.
.
.
.
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
UHF RIGHT ANGLE PLUG TO JACK
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA404Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA404 ETC-BA404 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
More results

Similar Description - BA404Z

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
73053 POMONA-73053 Datasheet
114Kb / 1P
TNC Right-Angle Jack to Plug Adapter
73058 POMONA-73058 Datasheet
104Kb / 1P
UHF Jack to Jack Adapter
logo
Pasternack Enterprises,...
PE9209 PASTERNACK-PE9209 Datasheet
105Kb / 1P
UHF MALE TO UHF FEMALE RIGHT ANGLE
PE9303 PASTERNACK-PE9303 Datasheet
249Kb / 3P
SMC Plug to SMC Jack Right Angle Adapter
PE9338 PASTERNACK-PE9338 Datasheet
236Kb / 2P
SHV Plug to SHV Jack Right Angle Adapter
logo
Molex Electronics Ltd.
0731515003 MOLEX11-0731515003 Datasheet
58Kb / 1P
50 Ohms, BNC Jack to Plug Right-Angle Adapter
logo
Rosenberger Hochfrequen...
51S154-K00N5 ROSENBERGER-51S154-K00N5 Datasheet
45Kb / 2P
ADAPTOR BNC PLUG ??UHF JACK
02S221-K00S3 ROSENBERGER-02S221-K00S3 Datasheet
221Kb / 2P
Adaptor Right Angle Plug-Jack
logo
Molex Electronics Ltd.
0731515003 MOLEX-0731515003_V01 Datasheet
51Kb / 1P
50 Ohms, BNC Jack to Plug Right-Angle Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com