Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MSS40
Description  THYRISTORMODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40 Datasheet(HTML) 2 Page - STMicroelectronics

  MSS40_1 Datasheet HTML 1Page - STMicroelectronics MSS40_1 Datasheet HTML 2Page - STMicroelectronics MSS40_1 Datasheet HTML 3Page - STMicroelectronics MSS40_1 Datasheet HTML 4Page - STMicroelectronics MSS40_1 Datasheet HTML 5Page - STMicroelectronics MSS40_1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
* For higher guaranteed values, please consult us.
Note : MSS40-1400
-IDRM and IRRM at Tj = 125
°C is defined at 1200 V
- dV/dt at Tj = 125
°C is defined at 67% of 1200 V
GATE CHARACTERISTICS (maximum values)
PGM =50 W (tp =20 µs)
PG (AV)=1 W
IFGM = 4 A (tp = 20 µs) VRGM = 5V.
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
DC
1
°C/W
AC
0.6
Rth (c-h)
Contact (case to heatsink) (4)
0.05
°C/W
(4) With contact grease utilisation
THERMAL RESISTANCES
Symbol
Test Conditions
Value
Unit
IGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
MAX
50
mA
VGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
MAX
1.5
V
VGD
VD=VDRM RL=3.3kΩ
Tj=125
°C
MIN
0.2
V
tgt
VD=VDRM IG = 500mA
dIG/dt = 3A/µs
Tj=25
°C
TYP
2
µs
IL
IG=1.2 IGT
Tj=25
°C
TYP
60
mA
MAX
120
IH
IT= 0.5A gate open
Tj=25
°C
TYP
40
mA
MAX
80
VTM
ITM= 80A tp= 380µs
Tj=25
°C
MAX
1.7
V
IDRM
IRRM
VDRM Rated
VRRM Rated
Tj=25
°C
MAX
0.05
mA
Tj=125
°C
MAX
10
tq
IT= 80A VR=75V VD=67%VDRM
dI/dt=30A/
µs dV/dt=20V/µs Gate open
Tj=125
°C
TYP
100
µs
dV/dt *
Linear slope up to VD=67%VDRM
gate open
Tj=125
°C
MIN
500
V/
µs
MSS40
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com