Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MSS40
Description  THYRISTORMODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40 Datasheet(HTML) 4 Page - STMicroelectronics

  MSS40_1 Datasheet HTML 1Page - STMicroelectronics MSS40_1 Datasheet HTML 2Page - STMicroelectronics MSS40_1 Datasheet HTML 3Page - STMicroelectronics MSS40_1 Datasheet HTML 4Page - STMicroelectronics MSS40_1 Datasheet HTML 5Page - STMicroelectronics MSS40_1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
tp(ms)
Tj initial = 25 C
ITSM
I2t
o
I TSM(A);I2t(A2s)
Fig.7 : Non repetitive surge peak on-state current for a
sinusoidal pulse with width : tp
≤ 10 ms and correspond-
ing value of I
2t.
TM (V)
V
I TM(A)
Tj initial = 25 C
Tj initial = 125 C
Tj=125 C:
Rt=11m
o
o
o
Fig. 8 : On-state characteristics .
(Maximum values)
MSS40
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com