Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPH15S Datasheet(PDF) 8 Page - C&D Technologies

Part # NPH15S
Description  Isolated 15W Single Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH15S Datasheet(HTML) 8 Page - C&D Technologies

  NPH15S Datasheet HTML 1Page - C&D Technologies NPH15S Datasheet HTML 2Page - C&D Technologies NPH15S Datasheet HTML 3Page - C&D Technologies NPH15S Datasheet HTML 4Page - C&D Technologies NPH15S Datasheet HTML 5Page - C&D Technologies NPH15S Datasheet HTML 6Page - C&D Technologies NPH15S Datasheet HTML 7Page - C&D Technologies NPH15S Datasheet HTML 8Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.cd4power.com
NPH15S SERIES
Isolated 15W Single Output DC/DC Converters
KDC_NPH15SC.6 Page 8 of 8
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing
process at any time, without notice. Please check with your supplier or visit our website to ensure that you have the current
and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2005 KDC_NPH15SC.6
No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including,
but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D
Technologies (NCL) Limited. Instructions for use are available from www.cd4power.com
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes, MK14 5BU, UK
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: MK@cdtechno.com
C&D Technologies, Inc.
11 Cabot Boulevard, Mansfield
MA 02048-1151, USA
Tel: +1 (508) 339-3000
Fax: +1 (800) 233-2765
email: sales@cdtechno.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT
Weight: 36g
All dimensions in inches ±0.01 (mm ±0.25mm)
All pins on a 0.10 (2.54) pitch and within ±0.01 (2.54) of true position
* Optional control pins
The copper case is internally connected to the output (-VOUT) pin. Care is needed in the design of this circuit
board on which the converter is mounted. Top side tracks must not contact the edge of the case or the ferrite
core, visible on the underside of the unit.
All dimensions in inches ±0.01 (mm ±0.25mm)
Tube length: 530 (20.866) ±2 (0.079)
Tube material: Antistatic coated clear PVC
Tube Quantity: 15
All dimensions in inches ±0.01 (mm ±0.25mm)
* Optional control pins
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering
systems with a peak wave solder temperature of
300ºC for 10 seconds. The pin termination finish
on this product series is Matte Tin over Nickel
Preplate. The series is backward compatible
with Sn/Pb soldering systems.
For further information, please visit www.cd4power.com/rohs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com