Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPH15S Datasheet(PDF) 5 Page - C&D Technologies

Part # NPH15S
Description  Isolated 15W Single Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH15S Datasheet(HTML) 5 Page - C&D Technologies

  NPH15S Datasheet HTML 1Page - C&D Technologies NPH15S Datasheet HTML 2Page - C&D Technologies NPH15S Datasheet HTML 3Page - C&D Technologies NPH15S Datasheet HTML 4Page - C&D Technologies NPH15S Datasheet HTML 5Page - C&D Technologies NPH15S Datasheet HTML 6Page - C&D Technologies NPH15S Datasheet HTML 7Page - C&D Technologies NPH15S Datasheet HTML 8Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.cd4power.com
NPH15S SERIES
Isolated 15W Single Output DC/DC Converters
KDC_NPH15SC.6 Page 5 of 8
EMC FILTERING AND SPECTRA
FILTERING
The module includes a basic level of filtering, sufficient for many applications. Where lower noise levels are desired, filters can easily be added to achieve any required
noise performance.
A DC/DC converter generates noise in two principle forms: that which is radiated from its body and that conducted on its external connections. There are three separate
modes of conducted noise: input differential, output differential and input-output.
This last appears as common mode at the input and the output, and cannot therefore be removed by filtering at the input or output alone. The first level of filtering is to
connect a capacitor between input and output returns, to reduce this form of noise. It typically contains high harmonics of the switching frequency, which tend to appear
as spikes on surrounding circuits. The voltage rating of this capacitor must match the required isolation voltage. (Due to the great variety in isolation voltage and required
noise performance, this capacitor has not been included within the converter.)
Input ripple is a voltage developed across the internal Input decoupling capacitor. It is therefore measured with a defined supply source impedance. Although simple series
inductance will provide filtering, on its own it can degrade the stability. A shunt capacitor is therefore recommended across the converter input terminals, so that it is fed
from a low impedance.
If no filtering is required, the inductance of long supply wiring could also cause a problem, requiring an input decoupling capacitor for stability. An electrolytic will perform
well in these situations. The input-output filtering is performed by the common-mode choke on the primary. This could be placed on the output, but would then degrade the
regulation and produce less benefit for a given size, cost, and power loss.
Radiated noise is present in magnetic and electrostatic forms. The latter is suppressed by the metal case, which is connected to the output return, typically a zero-volt
point. Thanks to the small size of these units, neither form of noise will be radiated “efficiently”, so will not normally cause a problem. Any question of this kind usually
better repays attention to conducted signals.
EMC FILTER AND VALUES TO OBTAIN SPECTRA AS SHOWN
Component reference
C1
C2
C3
C4
L1
L2
L3
NPH15S2403
10µF 100V
2.2µF 63V
47µF 63V
10µF 25V
C&D 18R333C
33µH 2A
C&D 18R472C
4.7µH 5.35A
NPH15S2405
10µF 100V
2.2µF 63V
47µF 63V
10µF 25V
C&D 18R333C
33µH 2A
C&D 18R103C
10µH 3.45A
NPH15S2412
10µF 100V
2.2µF 63V
Not required
10µF 25V
C&D 18R333C
33µH 2A
C&D 18R333C
33µH 2.00A
NPH15S2415
10µF 100V
2.2µF 63V
47µF 63V
10µF 25V
C&D 18R333C
33µH 2A
C&D 18R333C
33µH 2.00A
NPH15S4803
10µF 100V
Not required
Not required
10µF 25V
C&D 18R104C
100µH 1.2A
C&D 18R472C
4.7µH 5.35A
NPH15S4805
10µF 100V
Not required
Not required
10µF 25V
C&D 18R104C
100µH 1.2A
C&D 18R103C
10µH 3.45A
NPH15S4812
10µF 100V
Not required
Not required
10µF 25V
C&D 18R104C
100µH 1.2A
C&D 18R333C
33µH 2.00A
NPH15S4815
10µF 100V
Not required
Not required
10µF 25V
C&D 18R104C
100µH 1.2A
C&D 18R333C
33µH 2.00A
C1, C2 & C4 : Electrolytic capacitors
C3 : Polyester or ceramic capacitor
EMC Spectra red limit line is EN 55022 curve B Quasi-peak average limit.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com