Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPM11_08 Datasheet HTML 22Page - STMicroelectronics STPM11_08 Datasheet HTML 23Page - STMicroelectronics STPM11_08 Datasheet HTML 24Page - STMicroelectronics STPM11_08 Datasheet HTML 25Page - STMicroelectronics STPM11_08 Datasheet HTML 26Page - STMicroelectronics STPM11_08 Datasheet HTML 27Page - STMicroelectronics STPM11_08 Datasheet HTML 28Page - STMicroelectronics STPM11_08 Datasheet HTML 29Page - STMicroelectronics STPM11_08 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
Theory of operation
STPM11/12/13/14
26/45
When a no-load condition is detected MOP and MON are held low.
7.15
Configuring the STPM1x
All the configuration bits that control the operation of the device can be written temporarily or
permanently. For temporary writing, the configuration bits value are written in the Shadow
Registers which are simple latches that hold the configuration data. For permanent writing,
the configuration bits are stored in the OTP (one time programmable) cells that keep the
information for an undefined period of time even if the STPM1X is without supply, but, once
written, they cannot be changed. The temporary writing is useful mainly during testing of the
device or during the calibration phase. All the configuration parameters can be changed an
infinite number of times in order to test the device operation.
The shadow registers are cleared whenever a reset condition occurs.
The configuration bits are different for STPM11/12 and for STPM13/14 due to the presence
of the Tamper module. Each of them consists of paired elements, one is latch (the OTP
shadow), and one is the OTP anti-fuse element. When the STPM1X is released in the
market, all anti-fuses represent logic low state but they can be written by the user in order to
configure the STPM1X. This means that STPM1X can retain these bits of information even if
it has been unsupplied for an undefined time. That's why the CFG signals are used to keep
certain configuration and calibration values of the device.
Figure 19.
Positive energy or absolute computation energy (ABS=1) stepper driving signals
Hi
Lo
Hi
Lo
MON
MOP
Figure 20.
Negative energy stepper driving signals
Hi
Lo
Hi
Lo
MON
MOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com