Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM11 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STPM11_08 Datasheet HTML 30Page - STMicroelectronics STPM11_08 Datasheet HTML 31Page - STMicroelectronics STPM11_08 Datasheet HTML 32Page - STMicroelectronics STPM11_08 Datasheet HTML 33Page - STMicroelectronics STPM11_08 Datasheet HTML 34Page - STMicroelectronics STPM11_08 Datasheet HTML 35Page - STMicroelectronics STPM11_08 Datasheet HTML 36Page - STMicroelectronics STPM11_08 Datasheet HTML 37Page - STMicroelectronics STPM11_08 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Energy calculation algorithm
STPM11/12/13/14
34/45
8
Energy calculation algorithm
Inside the STPM1x the computing section of the measured active power uses a completely
new patented signal process approach. This approach allows the device to reach high
performances in terms of accuracy.
The signals, coming from the sensors, for the instantaneous voltage is:
v(t) = V•sin
ωt; where V is the peak voltage and ωis related to the line frequency (see[1])
and the instantaneous current is:
i(t) = I • sin (
ωt + ϕ); where I is the peak current, ωis related to the line frequency and ϕ is the
phase difference between voltage and current (see[2])
Active power
In the STPM1x, after the pre-conditioning and the A/D conversion, the digital voltage signal
(which is dynamically more stable with respect to the current signal) is processed by a
differentiate stage which transforms:
v(t)
→v’(t) = dv/dt = V
⋅ ω⋅ cos tω−[Eq. 1 - see (5) in Figure 6]
The result, together with the pre-processed and digitalized current signal:
Figure 22.
Active energy computation diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com