Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVRDVI-F Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CVRDVI-F
Description  DUST COVER, DVI SERIES F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CVRDVI-F Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CVRDVI-F Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.42
10.7
1.06
27
.31
8
PVC,BLACK
NOTES:
1. COMPONENT SHALL BE PACKAGED 10 PIECES PER BAG IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CVRDVI-F
A
CVRDVI-F.SLDDRW
1
1
D. PARHAM
4/15/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P. MCNEIL
4/15/10
4/16/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
DUST COVER, DVI SERIES F
VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
4/14/10
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - CVRDVI-F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CVRDVI-M L-COM-CVRDVI-M Datasheet
114Kb / 1P
DUST COVER, DVI SERIES M
4/13/10
More results

Similar Description - CVRDVI-F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
Photointerrupter with Dust Cover
logo
American Electronic Com...
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
Dust Cover as standard
HHC71E AEC-HHC71E Datasheet
495Kb / 3P
Dust Cover as standard
HHC71G AEC-HHC71G Datasheet
590Kb / 3P
Dust Cover as standard
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
Dust Cover as standard
logo
HARTING Technology Grou...
09-20-032-5405 HARTING-09-20-032-5405 Datasheet
465Kb / 2P
Han 32A-Dust Protect. Cover-f. Easy-Lock Protection cover
logo
VITALCONN ELECTRONICS H...
SDC01 VITALCONN-SDC01 Datasheet
273Kb / 2P
SFP DUST COVER
logo
NorComp
850103M-DC NORCOMP-850103M-DC Datasheet
56Kb / 1P
M5 SERIES-MALE DUST COVER
Rev.01 12-05-14
850203M-DC NORCOMP-850203M-DC Datasheet
55Kb / 1P
M5 SERIES-FEMALE DUST COVER
Rev.02 12-05-14
854203M-DC NORCOMP-854203M-DC Datasheet
56Kb / 1P
M8 SERIES-FEMALE DUST COVER
Rev.01 12-12-14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com