Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC368 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC368
Description  HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC368 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC368 Datasheet HTML 1Page - STMicroelectronics M54HC368 Datasheet HTML 2Page - STMicroelectronics M54HC368 Datasheet HTML 3Page - STMicroelectronics M54HC368 Datasheet HTML 4Page - STMicroelectronics M54HC368 Datasheet HTML 5Page - STMicroelectronics M54HC368 Datasheet HTML 6Page - STMicroelectronics M54HC368 Datasheet HTML 7Page - STMicroelectronics M54HC368 Datasheet HTML 8Page - STMicroelectronics M54HC368 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54/M74HC367
M54/M74HC368
October 1992
HC367 NON INVERTING, HC368 INVERTING
HEX BUS BUFFER (3-STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
HC368
HC367
DESCRIPTION
.
HIGH SPEED
tPD = 11 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS367/368
The M54/74HC367 and the M54/74HC368 are high
speed CMOS HEX BUS BUFFER (3-STATE) fabri-
cated in silicon gate C
2MOS technology. They have
the same high speed performance of LSTTL com-
bined with true CMOS low power consumption.
These devices contain six buffers, four buffers are
controlled by an enable input (G1) and the other two
buffers are controlled by the other enable input
(G2) ; the outputs of each buffer group are enabled
when G1 and/or G2 inputs are held low, and
when held high these outputs are disabled to be
high-impedance.
These outputs are capable of driving up to 15 LSTTL
loads. The designer has a choice of non-inverting
outputs (HC367) and inverting outputs (HC368).
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/11


Similar Part No. - M54HC368

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
229Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
03-May-2004
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC365B1R STMICROELECTRONICS-M54HC365B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
More results

Similar Description - M54HC368

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
3-state hex non-inverting buffer
January 1995
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
Hex Non-Inverting 3-STATE Buffer
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
Hex Non-inverting 3-state Buffer
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
HEX NON-INVERTING 3-STATE BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com