Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC368 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC368
Description  HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC368 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC368 Datasheet HTML 1Page - STMicroelectronics M54HC368 Datasheet HTML 2Page - STMicroelectronics M54HC368 Datasheet HTML 3Page - STMicroelectronics M54HC368 Datasheet HTML 4Page - STMicroelectronics M54HC368 Datasheet HTML 5Page - STMicroelectronics M54HC368 Datasheet HTML 6Page - STMicroelectronics M54HC368 Datasheet HTML 7Page - STMicroelectronics M54HC368 Datasheet HTML 8Page - STMicroelectronics M54HC368 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
50
25
60
75
90
ns
4.5
7
121518
6.0
6
101315
tPLH
tPHL
Propagation
Delay Time
2.0
50
30
85
105
130
ns
4.5
10
17
21
26
6.0
9
141822
2.0
150
42
105
130
160
ns
4.5
14
21
26
32
6.0
12
18
22
27
tPZL
tPZH
Output Enable
Time
2.0
50
RL =1 K
Ω
36
90
115
135
ns
4.5
11
18
23
27
6.0
9
152023
2.0
150
RL =1 K
Ω
49
110
140
165
ns
4.5
15
22
28
33
6.0
13
19
24
28
tPLZ
tPHZ
Output Disable
Time
2.0
50
RL =1 K
Ω
32
95
120
145
ns
4.5
14
19
24
29
6.0
12
16
20
25
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
33
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/6 (per Channel)
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF
SWITCHING CHARACTERISTICS TEST.
CPD CALCULATION
CPD is to be calculated with the following
formula by using the measured value of
ICC (opr.) in the test circuit opposite.
CPD =
ICC (opr)
fIN
× VCC
In determining the typical value of CPD,a
relatively high frequency of 1 MHz was ap-
plied to fIN, in order to eliminate any error
caused by the quiescent supply current.
M54/M74HC367/368
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com