Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC366 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC366
Description  HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC366 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC366 Datasheet HTML 1Page - STMicroelectronics M74HC366 Datasheet HTML 2Page - STMicroelectronics M74HC366 Datasheet HTML 3Page - STMicroelectronics M74HC366 Datasheet HTML 4Page - STMicroelectronics M74HC366 Datasheet HTML 5Page - STMicroelectronics M74HC366 Datasheet HTML 6Page - STMicroelectronics M74HC366 Datasheet HTML 7Page - STMicroelectronics M74HC366 Datasheet HTML 8Page - STMicroelectronics M74HC366 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2004
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 365
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9401-052
DESCRIPTION
The 54HC365 is an advanced high-speed CMOS
HEX BUS BUFFER (3-STATE) fabricated with
silicon gate C2MOS technology.
All six buffers are controlled by the combination of
two enable inputs (G1 and G2); all outputs of
these buffers are enabled only when both G1 and
G2 inputs are held low, under all other conditions
these outputs are disabled in a high-impedance
state.
The M54HC365 has non inverting outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC365
RAD-HARD HEX BUS BUFFER
WITH 3 STATE OUTPUTS (NON INVERTING)
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC365D
M54HC365D1
FPC
M54HC365K
M54HC365K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M74HC366

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M74HC366B1R STMICROELECTRONICS-M74HC366B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M74HC366B1R STMICROELECTRONICS-M74HC366B1R Datasheet
246Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
Jul-2001
M74HC366C1R STMICROELECTRONICS-M74HC366C1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M74HC366M1R STMICROELECTRONICS-M74HC366M1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
More results

Similar Description - M74HC366

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
3-state hex non-inverting buffer
January 1995
logo
STMicroelectronics
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
Oct-1992
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
Hex Non-Inverting 3-STATE Buffer
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
Hex Non-inverting 3-state Buffer
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
HEX NON-INVERTING 3-STATE BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com